Electronic Components Datasheet Search
  English  ▼

X  

SDP1000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SDP1000
Description  For cost sensitive HVAC and medical OEM applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP1000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SDP1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.sensirion.com
v5 February 2013
4/10
2
Electrical Specifications
2.1 Power Supply
The SDP1000 / SDP2000 differential pressure
sensors require a stable voltage supply of 5 V.
Influence of the supply voltage variation on the offset
and the sensitivity are given in Table 5.
2.2 Voltage Output
The SDP1000 / SDP2000 features a voltage output
from 0.25 V to 4.0 V (Figure 2, 3). An output voltage
below 0.25 V indicates a negative differential
pressure. This range is not calibrated however.
Exempt from this statement is the SDP1000-L025,
which features a fully bidirectional calibration with 0.2
to 4.0 V output.
The resistive load at the output pin should be larger
than 20 kOhm. The capacitive load at the output pin
must not be larger than 200 pF. If the design shows a
larger capacity at the output pin an additional resistor
is required in series at the output (e.g. 620 Ohm).
Linear output
Formula: P = lfactor * (voltage(1) – 0.250)/3.750
lfactor =
SDP1000-L05 SDP1000-L
SDP2000-L
Pascal
125
500
3500
Inch water
0.5
2
14
(1) voltage: measured output voltage in Volt.
For bi-directional SDP1000-L025
Formular: P=lfactor * (voltage – 2.10)/1.90
lfactor = 62 Pa or 0.25 Inch water
Square Root output
Formula: P = rfactor * (voltage(1) -0.250)^2
rfactor =
SDP1000-R
Pascal
35.55556
Inch water
0.14222
(1) voltage: measured output voltage in Volt.
Figure 2: Linear output at 5 Vdc supply of the SDP1000-L
and the SDP2000-L. The fine lines indicate the
maximum tolerances including a temperature
variation from 0 to 50°C.
Figure 3: Square root extracted output of the SDP1000-R
and the SDP2000-R at 5 Vdc supply. The fine lines
indicate the maximum tolerances including a
temperature variation from 0 to 50°C
.
0.00
1.00
2.00
3.00
4.00
0
20
40
60
80
100
differential pressure [% full scale]
0.00
1.00
2.00
3.00
4.00
0
20
40
60
80
100
differential pressure [% full scale]
SDP1000-L / SDP2000-L
SDP1000-R / SDP2000-R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com