Electronic Components Datasheet Search
  English  ▼

X  

SDP500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SDP500
Description  Accuracy better than 0.2% FS near zero
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SDP500 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.sensirion.com
Version 1.9 – July 2015
3/10
1.2
Ambient conditions
Parameter
SDP5xx / SDP6xx Series
Calibrated for7
Air, N2
Media compatibility
Air, N2, O2
Calibrated temperature range
-20 °C to +80 °C
Operating temperature
-20 °C to +80 °C
Storage temperature7
-40 °C to +80 °C
Position sensitivity
Less than repeatability error
1.3
Materials
Parameter
SDP5xx / SDP6xx Series
Wetted materials
PBT (polybutylene terephthalate), glass (silicon nitride, silicon oxide), silicon, gold,
FR4, silicone as static sealing, epoxy, copper alloy, lead-free solder
REACH, RoHS
REACH and RoHS compliant
2. Electrical Specifications
Parameter
SDP5xx / SDP6xx
Operating voltage
3.0– 3.6 V
(A supply voltage of 3.3 V is recommended)
Current drain
< 6 mA typical in operation
Interface
Digital 2-wire interface (I2C)
Bus clock frequency
100 kHz typical, 400 kHz max.
Default I2C address
64 (binary:
1000 000)
Scale factor8
SDP6xx-500Pa & SDP5xx
60 Pa-1
SDP6x0-125Pa
240 Pa-1
SDP6x0-25Pa
1200 Pa-1
Scale factor to alternative
units9
For all 500 Pa versions:
6’000 mbar-1
413’686 psi-1
14’945 (inch H2O)-1
SDP 6x0-125Pa
24’000 mbar-1
1'654’744 psi-1
59’780 (inch H2O)-1
SDP6x0-25Pa
120’000 mbar-1
8’273’719 psi-1
298’900 (inch H2O)-1
7
Contact Sensirion for information about other gases, wider calibrated temperature ranges and higher storage temperatures.
8
See section 5.1. The scale factor may vary with other configurations.
9
Instead of the standard scale factor (to get the physical value in Pa), the sensor output may be divided by alternative scale factors to receive the physical
value in another unit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com