Electronic Components Datasheet Search
  English  ▼

X  

SDP500 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SDP500
Description  Accuracy better than 0.2% FS near zero
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP500 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SDP500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.sensirion.com
Version 1.9 – July 2015
9/10
9. Ordering Information
Use the part names and item numbers shown in the
following table when ordering SDP600 series differential
pressure sensors. For the latest product information and
local distributors, visit www.sensirion.com.
SDP500
I2C, manifold
mount
0 to +500 Pa
(0 to +2 in. H2O)
4.5% 0601-02
SDP510
I2C, tube
connection
0 to +500 Pa
(0 to +2 in. H20)
4.5% 0602-02
SDP501
I2C, manifold
mount
0 to +500 Pa
(0 to +2 in. H2O)
x 4.5% 1314-01
SDP511
I2C, tube
connection
0 to +500 Pa
(0 to +2 in. H20)
x 4.5% 1315-01
SDP600-500Pa
I2C, manifold
mount
±500 Pa
( ±2 in. H2O)
3% 0456-02
SDP610-500Pa
I2C, tube
connection
±500 Pa
( ±2 in. H20)
3% 0455-02
SDP600-125Pa
I2C, manifold
mount
±125 Pa
(±0.5 in. H2O)
3% 0760-02
SDP610-125Pa
I2C, tube
connection
±125 Pa
( ±0.5 in. H20)
3% 0761-02
SDP600-25Pa
I2C, manifold
mount
±25 Pa
( ±0.1 in. H2O)
3% 0758-02
SDP610-25Pa
I2C, tube
connection
±25 Pa
( ±0.1 in. H20)
3% 0759-02
SDP601-500Pa
I2C, manifold
mount
±500 Pa
(±2 in. H2O)
x 3% 0603-02
SDP611-500Pa
I2C, tube
connection
±500 Pa
(±2 in. H20)
x 3% 0604-02
Packaging units: 80 items/tray and 480 items/box.
9.1
Packaging
Housing: The sensor housing consists of PBT. The
device is fully RoHS compliant – it is free of Pb, Cd, Hg,
Cr(6+), PBB and PBDE.
Each sensor is labeled by laser printing on the front side:
Sensor type
Sensirion
product number
Serial number
Figure 9: Marking of the housing.
Traceability Information: SDPxxx are shipped in trays of
80pcs. The tray dimension is 355mm x 255mm x 21.5mm.
By piling them up, the height per tray can be considered
as 19mm. For traceability, each tray is marked with a label.
No information can be derived from the code directly,
respective data is stored at Sensirion AG and is provided
upon request.
Sensor type
Sensirion item
number
Lot number
Number of
sensors inside
tray
Barcode of lot
number
Figure 10: Label sticking on each tray
Revision history
Date
Author Version Changes
Sept , 2008 PHA
V1.0
Initial release
Nov, 2008 PHA
V1.1
Small amendments (power
consumption, asymmetric lines and US
office address)
Jan, 2009
PHA
V1.2
Explanation to SDP5x0 calibration
range, media compatibility extended
Feb, 2009 PHA
V1.3
Packaging information added, sensor
handling instruction
Nov, 2009 PHA
V1.4
Zero point accuracy changed. Supply
voltage requirements and
recommendations relaxed.
January,
2011
DAT
V1.5
Introduction of low power
versions(SDP6x6) and low differential
pressure versions SDP6xx-125Pa /
SDP6xx-25Pa.
Feb, 2011 VVO
V1.6
Calibrated Temperature Range is
extended, minor corrections
Sept, 2012 ANB
V1.7
Updated Product Number.
June, 2015 ANB
V1.8
Added SDP5x1. Moved SDP6x6 to
separate datasheet. Minor updates.
July, 2015 ANB
V1.9
Fixed broken link in chapter 5.
SDPxxx
1-10xxxx-0x 
xxxxxxxx
80 
SENSIRION
SDPxxx 
PN: 1-10xxxx-0x 
SN: xxxxxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com