Electronic Components Datasheet Search
  English  ▼

X  

SDP500 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SDP500
Description  Accuracy better than 0.2% FS near zero
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP500 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SDP500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP500 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.sensirion.com
Version 1.9 – July 2015
7/10
7. Mechanical Specifications
7.1
Mechanical concept
The SDP600 Series is designed for through-hole
technology and can be wave-soldered or hand-soldered to
a PCB.
 The SDP60x/SDP50x can be directly connected
to a manifold using two O-rings.
 The SDP61x/SDP51x sensors have ports for
connecting standard-size plastic tubes.
7.2
Mechanical characteristics
Parameter
PCB attachment
Clip-in and hand or wave soldering.
Additional mechanical attachment
depending on force requirements
Allowable
overpressure
1 bar (100 kPa, 400 inches H2O)
Rated burst pressure
> 5 bar
Gas flow through
sensor
< 150 ml/min
Weight
< 6 g
Protection rating
IP 30
7.3
SDP60x/SDP50x – Manifold connection
Figure 1: SDP60x/SDP50x manifold mount version. All
dimensions are in mm.
Sensirion recommends O-rings with the following
dimensions:
d1: 3–4 mm
d2: 2 mm
Figure 2: Cross section of recommended O-ring
7.4
SDP61x/SDP51x – Tube connection
Figure 3: SDP61x/SDP51x version with ports for tube
connection. All dimensions are in mm.
7.5
Pin assignments
Figure 4: Digital output pin assignments (bottom view).
7.6
Footprint
Figure 5: Footprint for PCB mounting. (top view = sensor side).
All dimensions in mm.
A: Overall sensor dimensions
B: Holes for additional mounting screws (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com