Electronic Components Datasheet Search
  English  ▼

X  

PS2911 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS2911
Description  NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2911 Datasheet(HTML) 3 Page - California Eastern Labs

  PS2911 Datasheet HTML 1Page - California Eastern Labs PS2911 Datasheet HTML 2Page - California Eastern Labs PS2911 Datasheet HTML 3Page - California Eastern Labs PS2911 Datasheet HTML 4Page - California Eastern Labs PS2911 Datasheet HTML 5Page - California Eastern Labs PS2911 Datasheet HTML 6Page - California Eastern Labs PS2911 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
CTR = 200%
2 mA
1 mA
10
1
0.1
0.0
0.2
0.4
0.6
0.8
1.0
5 mA
IF = 0.5 mA
80
60
40
20
0
25
50
75
100
0.5 mA/°C
0
25
50
75
100
120
120
140
100
80
60
40
20
100
10
1
0.1
0.01
0.0
0.5
1.0
1.5
2.0
TA = +100°C
+60°C
+25°C
0°C
-25°C
-50°C
CTR = 200 %
20
18
16
14
12
10
8
6
4
2
0
2
4
6
8
10
IF = 5 mA
2 mA
1 mA
0.5 mA
10000
1000
100
10
1
-25
0
25
50
75
100
VCE = 20 V
40 V
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
Forward Voltage, VF (V)
Collector to Emitter Voltage, VCE (V)
Collector Saturation Voltage, VCE(sat) (V)
Ambient Temperature, TA (°C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
FORWARD CURRENTvs.
FORWARD VOLTAGE
COLLECTOR CURRENTvs.
COLLECTOR TO EMITTER VOLTAGE
COLLECTOR TO EMITTER DARK CURRENT
vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
PS2911-1
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com