Electronic Components Datasheet Search
  English  ▼

X  

PS2911 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2911
Description  NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2911 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2911 Datasheet HTML 1Page - California Eastern Labs PS2911 Datasheet HTML 2Page - California Eastern Labs PS2911 Datasheet HTML 3Page - California Eastern Labs PS2911 Datasheet HTML 4Page - California Eastern Labs PS2911 Datasheet HTML 5Page - California Eastern Labs PS2911 Datasheet HTML 6Page - California Eastern Labs PS2911 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PS2911-1
NEC's HIGH CTR
4 PIN ULTRA SMALL PACKAGE
FLAT LEAD OPTOCOUPLER
DESCRIPTION
NEC's PS2911-1 is an optically coupled isolator containing a
GaAs light emitting diode and an NPN silicon phototransistor
in one package for high density mounting applications.An ultra
small flat lead package has been provided which realizes a
reduction in mounting area of about 30% compared with the
PS28XX series.
FEATURES
• SMALL AND THIN PACKAGE:
4.6 (L) x 2.5 (W) x 2.1 (H) mm
• HIGH CURRENT TRANSFER RATIO:
CTR = 200% TYP @ IF = 1 mA, VCE = 5 V
• HIGH ISOLATION VOLTAGE
BV: 2500 Vr.m.s.
• TAPE AND REEL AVAILABLE
PART NUMBER
PS2911-1
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 5 mA
V
0.9
1.1
1.3
IR
Reverse Current, VR = 5 V
µ
A
5
CT
Terminal Capacitance, V = 0, f = 1.0 MHz
pF
15
ICEO
Collector to Emitter Current, IF = 0 mA, VCE = 40 V
nA
100
CTR
Current Transfer Ratio (IC/IF)1, IF = 1 mA, VCE = 5 V
%
100
200
400
VCE(sat)
Collector Saturation Voltage, IF = 1 mA, IC = 0.2 mA
V
0.13
0.3
RI-O
Isolation Resistance, VI-O = 1.0 k VDC
Ω
1011
CI-O
Isolation Capacitance, V = 0 V, f = 1.0 MHz
pF
0.4
tR
Rise Time2, VCC = 5 V, IC = 2 mA, RL = 100 Ω
µ
s
5
tF
Fall Time2, VCC = 5 V, IC = 2 mA, RL = 100 Ω
µ
s
10
ton
On Time2, VCC = 5 V, IF = 1 mA, RL = 5 kΩ
µs
40
ts
Storage Time2, VCC = 5 V, IF = 1 mA, RL = 5 kΩ
µs
10
toff
Off Time2, VCC = 5 V, IF = 1 mA, RL = 5 kΩ
µs
120
ELECTRICAL CHARACTERISTICS (TA= 25°C)
1. CTR RANK:
N: 100 to 400 (%)
K: 200 to 400 (%)
L: 150 to 300 (%)
M: 100 to 200 (%)
APPLICATIONS
• DC/DC CONVERTER
• MODEM/PC CARD
PS2911-1
PULSE INPUT
VCC
VOUT
RL = 100
Ω or 5 kΩ
PW = 100 µs
Duty Cycle = 1/10
IF
50
Ω
In monitor
2. Test Circuit for Switching Time
4
3
1
2
Date Published: August 4, 2005
The information in this document is subject to change without notice. Before using this document, please confirm
that this is the latest version.


Similar Part No. - PS2911

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1 Datasheet
194Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1 Datasheet
304Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1 Datasheet
500Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
PS2911-1 RENESAS-PS2911-1 Datasheet
5Mb / 14P
HIGH CTR, 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Rev.6.00 Feb. 2, 2026
PS2911-1-AX RENESAS-PS2911-1-AX Datasheet
304Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
More results

Similar Description - PS2911

ManufacturerPart #DatasheetDescription
logo
NEC
PS2711 NEC-PS2711 Datasheet
142Kb / 6P
NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
California Eastern Labs
PS2915-1 CEL-PS2915-1 Datasheet
779Kb / 7P
HIGH CTR, AC INPUT RESPONSE TYPE 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
PS2911-1-F3-M-A CEL-PS2911-1-F3-M-A Datasheet
494Kb / 13P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_15 Datasheet
194Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_15 Datasheet
429Kb / 14P
HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_16 Datasheet
464Kb / 14P
HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_16 Datasheet
304Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_V01 Datasheet
500Kb / 14P
HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
PS2915-1 RENESAS-PS2915-1_V01 Datasheet
491Kb / 14P
HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com