Electronic Components Datasheet Search
  English  ▼

X  

REF1112 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF1112
Description  10ppm/C, 1UA, 1.25V Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF1112 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  REF1112 Datasheet HTML 1Page - Burr-Brown (TI) REF1112 Datasheet HTML 2Page - Burr-Brown (TI) REF1112 Datasheet HTML 3Page - Burr-Brown (TI) REF1112 Datasheet HTML 4Page - Burr-Brown (TI) REF1112 Datasheet HTML 5Page - Burr-Brown (TI) REF1112 Datasheet HTML 6Page - Burr-Brown (TI) REF1112 Datasheet HTML 7Page - Burr-Brown (TI) REF1112 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REF1112
4
SBOS283
www.ti.com
LOW-FREQUENCY NOISE, 0.1 to 10Hz
1.0s/div
Drift (ppm/
°C)
TEMPERATURE DRIFT DISTRIBUTION
25
20
15
10
5
0
−40°C to +85°C
0
5
10
15
20
25
30
35
40
45
50
TEMPERATURE DRIFT DISTRIBUTION
Drift (ppm/
°C)
0
5
10
15
20
25
30
35
50
40
30
20
10
0
0
°C to +70°C
REVERSE BREAKDOWN VOLTAGE DISTRIBUTION
Reverse Breakdown Voltage (V)
1.2475
1.2500
1.2525
25
20
15
10
5
0
RESPONSE TIME
25ms/div
2V
1V
0V
5V
0V
C
LOAD = 0.1µF
V
OUT
V
IN
0.1
µF
V
OUT
V
IN
I
REF
375k
Ω
RESPONSE TIME
10ms/div
2V
1V
0V
5V
0V
C
LOAD = 0.01µF
V
OUT
V
IN
0.01
µF
V
OUT
V
IN
375k
Ω
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, IREF = 10µA and CL = 10nF, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com