Electronic Components Datasheet Search
  English  ▼

X  

REF1112 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF1112
Description  10ppm/C, 1UA, 1.25V Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF1112 Datasheet(HTML) 7 Page - Burr-Brown (TI)

  REF1112 Datasheet HTML 1Page - Burr-Brown (TI) REF1112 Datasheet HTML 2Page - Burr-Brown (TI) REF1112 Datasheet HTML 3Page - Burr-Brown (TI) REF1112 Datasheet HTML 4Page - Burr-Brown (TI) REF1112 Datasheet HTML 5Page - Burr-Brown (TI) REF1112 Datasheet HTML 6Page - Burr-Brown (TI) REF1112 Datasheet HTML 7Page - Burr-Brown (TI) REF1112 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MECHANICAL DATA
MPDS108 – AUGUST 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DBZ (R-PDSO-G3)
PLASTIC SMALL-OUTLINE
0,55 REF
4203227/A 08/01
3,04
2,80
2,05
1,78
1,03
0,89
0,60
0,45
2,64
2,10
1,40
1,20
0,51
0,37
1,12
0,89
0,100
0,013
0,180
0,085
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Dimensions are inclusive of plating.
D. Dimensions are exclusive of mold flash and metal burr.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com