Electronic Components Datasheet Search
  English  ▼

X  

REF1112 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF1112
Description  10ppm/C, 1UA, 1.25V Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF1112 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  REF1112 Datasheet HTML 1Page - Burr-Brown (TI) REF1112 Datasheet HTML 2Page - Burr-Brown (TI) REF1112 Datasheet HTML 3Page - Burr-Brown (TI) REF1112 Datasheet HTML 4Page - Burr-Brown (TI) REF1112 Datasheet HTML 5Page - Burr-Brown (TI) REF1112 Datasheet HTML 6Page - Burr-Brown (TI) REF1112 Datasheet HTML 7Page - Burr-Brown (TI) REF1112 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REF1112
10ppm/°C, 1
µ
µµ
µµA, 1.25V
Shunt Voltage Reference
APPLICATIONS
BATTERY-POWERED INSTRUMENTS
PORTABLE DEVICES
MEDICAL EQUIPMENT
CURRENT SOURCES
CALIBRATORS
MICROPOWER CURRENT AND VOLTAGE
REFERENCE
DESCRIPTION
The REF1112 is a two-terminal shunt reference designed for
power and space-sensitive applications. The REF1112 fea-
tures an operating current of 1
µA in a SOT23-3 package
and is an improved, lower power pin-compatible drop-in
replacement for designs currently using the REF1004 and
LT1004. The REF1112 is specified from –40°C to +85°C
with operation extending from –40°C to +125°C.
The REF1112 complements other 1
µA components from
Texas Instruments including the OPA349 and the TLV240x
low power operational amplifiers, and the TLV349x
micropower voltage comparator.
SBOS283 – SEPTEMBER 2003
www.ti.com
Copyright © 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
FEATURES
MICRO-PACKAGE: SOT23-3
WIDE CURRENT RANGE: 1
µ
µµ
µµA to 5mA
HIGH INITIAL ACCURACY: 0.2%
EXCELLENT SPECIFIED DRIFT
PERFORMANCE:
30ppm/°C (max) from 0°C to +70°C
50ppm/°C (max) from –40°C to +85°C
R
BIAS
V
S
V
OUT
I
REF + ILOAD
I
REF
R
LOAD
I
LOAD
R
BIAS =
V
S − VD
I
LOAD + IREF
1
2
3NC
SOT23
GND
VO
NC indicates pin should be left unconnected.


Similar Part No. - REF1112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
REF1112 TI-REF1112 Datasheet
788Kb / 13P
10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
REF1112 TI2-REF1112 Datasheet
930Kb / 21P
REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
REVISED DECEMBER 2024
REF1112AIDBZR TI-REF1112AIDBZR Datasheet
788Kb / 13P
10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
REF1112AIDBZR TI2-REF1112AIDBZR Datasheet
930Kb / 21P
REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
REVISED DECEMBER 2024
More results

Similar Description - REF1112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B432 ETC-B432 Datasheet
111Kb / 5P
1.25V Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432 Datasheet
162Kb / 16P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL432 UTC-TL432 Datasheet
103Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432_07 Datasheet
175Kb / 17P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_11 Datasheet
160Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432_12 Datasheet
700Kb / 17P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
REF1112AIDBZRG4 TI-REF1112AIDBZRG4 Datasheet
788Kb / 13P
10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
logo
Diodes Incorporated
AZ432 DIODES-AZ432 Datasheet
362Kb / 18P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
Unisonic Technologies
TL432 UTC-TL432_16 Datasheet
177Kb / 6P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com