Electronic Components Datasheet Search
  English  ▼

X  

TAS5015 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5015
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5015 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5015 Datasheet HTML 2Page - Texas Instruments TAS5015 Datasheet HTML 3Page - Texas Instruments TAS5015 Datasheet HTML 4Page - Texas Instruments TAS5015 Datasheet HTML 5Page - Texas Instruments TAS5015 Datasheet HTML 6Page - Texas Instruments TAS5015 Datasheet HTML 7Page - Texas Instruments TAS5015 Datasheet HTML 8Page - Texas Instruments TAS5015 Datasheet HTML 9Page - Texas Instruments TAS5015 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TAS5015
SLES017 – SEPTEMBER 2001
6
www.ti.com
functional description (continued)
Table 1. External Clock and External PLL Functions (Continued)
DESCRIPTION
M_S
DBSPD
DEM_EN
DEM_SEL
MCLK_IN
(MHz)
HFCLK
(MHz)
SCLK
(MHz)
LRCLK
(kHz)
MCLK_OUT
(MHz)
External PLL, slave, double speed
(see Notes 3, 4, and 5)
0
1
0
0
22.5792
90.3168
5.6448
88.2
22.5792
External PLL, slave, double speed
(see Notes 3, 4, and 5)
0
1
0
0
24.576
98.304
6.144
96
24.576
External PLL, slave, quad speed
(see Notes 3, 4, and 5)
0
0
0
0
22.5792
90.3168
11.2896
176.4
22.5792
External PLL, slave, quad speed
(see Notes 3, 4, and 5)
0
0
0
0
24.576
98.304
12.288
192
24.576
NOTES:
3. External MCLK connected to MCLK_IN input
4. SCLK and LRCLK are inputs
5. MCLK_OUT is a buffered version of the external MCLK input
external PLL
For the highest system performance, an external PLL must be used with the TAS5015. For normal-speed mode,
the external PLL input (HFCLK) must be 2048 Fs, for double-speed mode HFCLK must be 1024 Fs, and for
quad-speed mode HFCLK must be 512 Fs.
digital interpolation filter
The 24-bit high-performance linear phase FIR interpolation filter up-samples the input digital data at a rate of
two times (quad-speed mode = 176.4 kHz or 192 kHz), four times (double-speed mode = 88.2 kHz or 96 kHz),
or eight times (normal mode = 44.1 kHz or 48 kHz) the incoming sample rate. This filter provides low pass-band
ripple and optimized time domain transient response for accurate music reproduction.
digital PWM modulator
The interpolation filter output is sent to the digital PWM modulator. This modulator consists of a high-
performance fourth order digital-noise shaper and a PCM-to-PWM converter. Following the noise shaper, the
PCM signal is fed into a low distortion PCM-to-PWM conversion block, buffered, and output from the chip. The
modulation scheme is based on a 2-state control of the H-bridge output.
control, status, and operational modes
The TAS5015 control section consists of several control-input pins. Three serial mode pins (MOD0, MOD1, and
MOD2) are provided to select various serial data formats. During normal operating conditions if any of the
MOD0, MOD1, or MOD2 pins changes state, a reset sequence is initiated. Also provided are separate
power-down (PDN), reset (RESET), and mute (MUTE) pins.
power up
At power up, the VALID_L and VALID_R pins are asserted low and the PWM outputs go to the hard mute state
in which the P outputs are held low and the M outputs are held high. Following initialization, the TAS5015 comes
up in the operational state (differential PWM audio). There are two cases of power-up timing. The first case is
shown in Figure 1 with RESET preceding PDN. The second case is shown in Figure 2 with PDN preceding
RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com