Electronic Components Datasheet Search
  English  ▼

X  

TAS5015 Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5015
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5015 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5015 Datasheet HTML 5Page - Texas Instruments TAS5015 Datasheet HTML 6Page - Texas Instruments TAS5015 Datasheet HTML 7Page - Texas Instruments TAS5015 Datasheet HTML 8Page - Texas Instruments TAS5015 Datasheet HTML 9Page - Texas Instruments TAS5015 Datasheet HTML 10Page - Texas Instruments TAS5015 Datasheet HTML 11Page - Texas Instruments TAS5015 Datasheet HTML 12Page - Texas Instruments TAS5015 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TAS5015
SLES017 – SEPTEMBER 2001
9
www.ti.com
functional description (continued)
de-emphasis filter
For audio sources that have been preemphasized, a precision 50
µs/15 µs de-emphasis filter is provided to
support the sampling rates of 44.1 kHz and 48 kHz. Pins DEM_SEL and DEM_EN select the de-emphasis
functions. See Figure 6 for a graph showing the de-emphasis filtering characteristics. See Table 3 for
de-emphasis selection.
0
–10
3.18 (50
µs)
10.6 (15
µs)
f – Frequency – kHz
De-emphasis
Figure 6. De-Emphasis Filter Characteristics
de-emphasis selection
De-emphasis selection is accomplished by using the DEM_SEL and DEM_EN pins. See Table 3 for
de-emphasis selection description.
Table 3. De-Emphasis Selection
DEM_SEL
DEM_EN
DESCRIPTION
0
0
De-emphasis disabled
0
1
De-emphasis enabled for Fs = 44.1 kHz
1
1
De-emphasis enabled for Fs = 48 kHz
1
0
Disallowed state. Do not use.
error status reporting (VALID_L and VALID_R)
The following is a list of the error conditions that will cause the VALID_L and VALID_R pins to be asserted low.
–
No clocks
–
Clock phase errors
When either of the above conditions is met, the VALID_L and VALID_R goes low and the PWM outputs go to
the hard mute state. If the error condition is removed, the TAS5015 is reinitialized and the VALID_L and VALID_R
pins are asserted high.
serial interface formats
The TAS5015 is compatible with eight different serial interfaces. Available interface options are IIS, right
justified, left justified, and DSP frame. Table 4 indicates how these options are selected using the MOD0, MOD1,
and MOD2 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com