Electronic Components Datasheet Search
  English  ▼

X  

7531 Datasheet(PDF) 1 Page - Mallory performance club

Part # 7531
Description  Programmable Digital-7 Plus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7531 Datasheet(HTML) 1 Page - Mallory performance club

  7531 Datasheet HTML 1Page - Mallory performance club 7531 Datasheet HTML 2Page - Mallory performance club 7531 Datasheet HTML 3Page - Mallory performance club 7531 Datasheet HTML 4Page - Mallory performance club 7531 Datasheet HTML 5Page - Mallory performance club 7531 Datasheet HTML 6Page - Mallory performance club 7531 Datasheet HTML 7Page - Mallory performance club 7531 Datasheet HTML 8Page - Mallory performance club 7531 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Parts Included:
1 - Ignition Control, PN 7531
1 - MSD Pro-Data+ CD Rom
4 - Vibration Mounts & Screws
1 - Shielded Cam Sync Harness
1 - 9-Pin Computer Harness
Accessories
Hand Held Monitor, PN 7550
Inductive Cam Sync Pickup Kit, PN 7555
Non-Magnetic Cam Sync Pickup Kit,
PN 2346
Manual Launch RPM Control, PN 7551
Digital Shift Light, PN 7542
MAP Sensor, see page 9
Replacement Harness, PN 8855
Single Pole/Single Throw Relay, PN 8961
Double Pole/Double Throw Relay, PN 8960
WARNING: During installation, disconnect the battery cables. When disconnecting, always remove
the Negative cable first and install it last.
Note: Solid core spark plug wires cannot be used with an MSD Ignition Control.
Important: When installing a Digital Series Ignition, timing will be affected, reset to your engine’s
specifications.
OPERATION
DIGITAL OPERATION
The MSD Programmable Digital-7 Plus uses a high speed RISC microcontroller to control the ignition’s output
while constantly analyzing the various inputs such as supply voltage, trigger signals and rpm. The high speed
controller can make extremely quick compensations to the output voltage, multiple spark series, timing and rpm
limits while maintaining accurate timing signals to within +/- 0.1° and +/- 10 rpm. The circuits and controller of
the ignition have been thoroughly debounced and suppressed to create protection against Electro Magnetic
Interference (EMI).
CAPACITIVE DISCHARGE
The MSD features a capacitive discharge ignition design. The majority of stock ignition systems are inductive ignitions.
In an inductive ignition, the coil must store energy and step up the supplied voltage to maximum strength between
each firing. At higher rpm, since there is less time to charge the coil to full capacity, the secondary voltage falls short
of reaching its maximum energy level which results in a loss of power or top end miss.
The MSD Ignition features a capacitor which is quickly charged to 520 - 535 volts and stores its energy until the
ignition is triggered. With the CD design, the energy sent to the coil is always at maximum power even at high rpm.
1 - Mag Pickup Harness, PN 8860
1 - 12-Pin Harness
1 - Coil Harness
1 - Power Lead Harness
Programmable Digital-7 Plus
PN 7531
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 7531

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7531 FAIRCHILD-7531 Datasheet
90Kb / 8P
Half-Bridge Converter
logo
Molex Electronics Ltd.
75310-0001 MOLEX-75310-0001 Datasheet
141Kb / 2P
0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
logo
CTS Corporation
753101DPTR13 CTS-753101DPTR13 Datasheet
189Kb / 4P
High Density Packaging
753101DPTR7 CTS-753101DPTR7 Datasheet
189Kb / 4P
High Density Packaging
753101FPTR13 CTS-753101FPTR13 Datasheet
189Kb / 4P
High Density Packaging
More results

Similar Description - 7531

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
Programmable Digital Thermostat
logo
LSI Computer Systems
LS7223 LSI-LS7223 Datasheet
28Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
logo
Siemens Semiconductor G...
SAB0529 SIEMENS-SAB0529 Datasheet
517Kb / 16P
SIEMENS PROGRAMMABLE DIGITAL TIMER
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Omron Electronics LLC
E5AR-T OMRON-E5AR-T Datasheet
1Mb / 12P
Programmable Digital Controller
E5ER-T OMRON-E5ER-T Datasheet
939Kb / 10P
Programmable Digital Controller
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
Mallory performance clu...
PN7531 MALLORY-PN7531 Datasheet
901Kb / 20P
Programmable Digital-7 Plus
7330 MALLORY-7330 Datasheet
1Mb / 12P
Programmable Digital-7 Plus
logo
Littelfuse
MPU-32 LITTELFUSE-MPU-32 Datasheet
490Kb / 2P
Programmable digital input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com