Electronic Components Datasheet Search
  English  ▼

X  

7531 Datasheet(PDF) 10 Page - Mallory performance club

Part # 7531
Description  Programmable Digital-7 Plus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7531 Datasheet(HTML) 10 Page - Mallory performance club

Back Button 7531 Datasheet HTML 6Page - Mallory performance club 7531 Datasheet HTML 7Page - Mallory performance club 7531 Datasheet HTML 8Page - Mallory performance club 7531 Datasheet HTML 9Page - Mallory performance club 7531 Datasheet HTML 10Page - Mallory performance club 7531 Datasheet HTML 11Page - Mallory performance club 7531 Datasheet HTML 12Page - Mallory performance club 7531 Datasheet HTML 13Page - Mallory performance club 7531 Datasheet HTML 14Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ADVANCE
This is a Gear Shift Advance feature that is designed to advance the timing (or remove any retards)
during a shift to keep the combustion chamber temperatures consistent.
Note: To advance the timing, the crank trigger must be advanced. Therefore, all other timing func-
tions must compensate for this advance.
Gear: Select the number of gears.
DRpm: Program the rpm drop that indicates a gear change from 200-1,500 rpm.
Deg: The amount of timing that is advanced. This is determined by how much
retard is active. You cannot program more advance than the current amount of retard.
Sec: The amount of time that the advance is active. Adjustable in .01 second
increments from 0-1.5 seconds.
Note: The Step Wire Gear Select program overrides the RPM Drop value for shifts.
CYLINDER COUNT
CylCnt: This is the number of cylinders of the engine. Programmable for 4, 6, 8 and Odd fire
6-cylinders (90°/150° only). Once a change has been made, turn the ignition Off and On to
reset.
Tach Trigger: There are two choices for the output of the tach terminal on the end panel of
the ignition or the Gray wire of the 12-pin connector. The output is a 30° duration 12 volt signal
that is compatible with most tachs and data acquisition systems. The default is
Trigger which
provides the most accurate signal for rpm sensing components. The
Timing program should
only be used when spark timing data is required by an acquisition control or to fire another
ignition.
INDIVIDUAL CYLINDER TIMING
Each cylinder can be retarded up to 10° in 0.1° increments. Adjustments are made through the CylDeg
menu. Default for each cylinder is 0°. A Cam Sync signal for cylinder number one must be incorpo-
rated. The MSD Fiber Optic Pickup, PN 7555, is the easiest or a pickup kit could be fabricated on the
cam gear (MSD Kit PN 2346).
The spark sequence, or firing order needs to be considered when selecting the ICT. You can go through
the Cylinder Numbers and place them with the corresponding position, or go to the Sequence window
and select from the pre-programmed firing orders. This will help by listing the cylinder number next
to the sequence number.
Spark Sequence
Program the firing order of your engine, reference only.
Degree
Program the amount of retard of each cylinder. These retard
rates are added to any other retards that are active. Max retard is 30°.
Sequence
Select a firing order reference:
Program
Order
Application
1843
18436572
Most GM, Chrysler and AMC V8
1542
15426378
Most Ford V8
1372
13726548
Ford 341/400
1425
142536
Ford V6
1536
153624
Ford, Camaro, Chrysler, AMC V6
1654
165432
Most GM V6
1436
143625
Odd-fire 6-cylinder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com