Electronic Components Datasheet Search
  English  ▼

X  

7531 Datasheet(PDF) 3 Page - Mallory performance club

Part # 7531
Description  Programmable Digital-7 Plus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7531 Datasheet(HTML) 3 Page - Mallory performance club

  7531 Datasheet HTML 1Page - Mallory performance club 7531 Datasheet HTML 2Page - Mallory performance club 7531 Datasheet HTML 3Page - Mallory performance club 7531 Datasheet HTML 4Page - Mallory performance club 7531 Datasheet HTML 5Page - Mallory performance club 7531 Datasheet HTML 6Page - Mallory performance club 7531 Datasheet HTML 7Page - Mallory performance club 7531 Datasheet HTML 8Page - Mallory performance club 7531 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
INSTALLATION INSTRUCTIONS
3
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Limit
Lt Green
Accessories
Dark Blue
This wire activates the Launch Rev Limit and is the main reset wire for several features of the
Ignition. When 12 volts are applied to this wire it will activate the Launch Rev Limit. It also resets
the shift light and gear indicator to first gear. It also will select the Launch Retard value and Gear
1 curve. When 12 volts is removed, the Launch Ramp begins as does the Gear 1 curve.
When12 volts are applied the Slew Rate Rev limit will be disabled as well as the Timed Rev Limit
curve. When 12 volts are removed the Launch History begins recording.
Light Blue
Burnout Rev Limit. When 12 volts are applied the Burnout Rev Limit is active. This disables the
Acquisition function and Slew Rate Rev Limits and overrides other rev limits. It also resets the
Acquisition Record function.
It is recommended to have this wire switched from an outside source, such as the crew chief before
the burnout and while staging the car.
Spool-Up
When the Dark Blue and Light Blue wires are applied to 12 volts at the same time, a fourth rev
limit is activated. This limit is to spool up a turbo during the burnout. When both the Dark Blue
and Light Blue RevLimit wires are at +12 volts then the Spool RevLimit is active.
Retard Stage Wires or Gear Select
These three wires can be used as Retard Stage Activation and/or as a gear select wire.
Pink
Step1 retard enabled with +12 volt input and above Step1 Rpm value and Gear 2 Select.
Violet
Step2 retard enabled with +12 volt input and above Step2 Rpm value and Gear 3 Select.
Tan
Step3 retard enabled with +12 volt input and above Step3 Rpm value and Gear 4 Select.
Note:
When activated at the same time, these retard stages are added together. They are also
added with any Gear Retard Curve or Boost Retard values as well. Maximum retard is 30°.
Yellow
Shift Light output wire. It can handle up to 3 amps continuous to ground when enabled.
Brown/White RPM/Time/Pressure switch output wire. It can switch up to 3 amps continuous to ground
when enabled.
Yellow/Yellow Output for data acquisition or fuel controls. Note, only two wires are used.
3-Pin Connector, MAP Sensor
Connector Connects to an external MAP or gauge pressure sensor.
Brown/Violet +5 volt supply
Brown/Yellow Ground
Dark Brown Map Signal
Cam Synchronization
Fiber Optic
This input requires the PN 7555 Inductive Sync Pickup. When this input is used, the 2-pin con-
nector is not. Note: If this input is not used, the plug or a cover should be installed.
2-Pin Connector
Lt Blue/
This 2-pin plug connects to Cam Sync Sensor, PN 2346, to indicate when cylinder number
one is firing. Note: When used, the fiber optic connector is not used and must be covered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com