Electronic Components Datasheet Search
  English  ▼

X  

7730 Datasheet(PDF) 13 Page - Mallory performance club

Part # 7730
Description  MSD Power Grid System Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7730 Datasheet(HTML) 13 Page - Mallory performance club

Back Button 7730 Datasheet HTML 8Page - Mallory performance club 7730 Datasheet HTML 9Page - Mallory performance club 7730 Datasheet HTML 10Page - Mallory performance club 7730 Datasheet HTML 11Page - Mallory performance club 7730 Datasheet HTML 12Page - Mallory performance club 7730 Datasheet HTML 13Page - Mallory performance club 7730 Datasheet HTML 14Page - Mallory performance club 7730 Datasheet HTML 15Page - Mallory performance club 7730 Datasheet HTML 16Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
INSTALLATION INSTRUCTIONS
13
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
1
Low Battery Voltage
EngineRPM > 500 AND Vbatt <
This alert activates when there is low battery voltage
9.0 for 5 seconds
with engine RPM. Make sure the 7730/77303 is properly
connected to battery voltage.
2
High Battery Voltage
Vbatt > 18.0
This alert activates when there is high battery voltage.
Make sure the 7730/77303 is properly connected to battery voltage
3
Crank Sensor
This alert activates due to weak crank sensor signal. Make sure
the crank sensor is properly located according to the installation
instructions.
5
No CAM Sync
Engine RPM > 300 AND
This alert activates when individual cylinder timing has been
configured and no optical CAM sync signal is detected. Make
sure the optical CAM sync cable is properly connected to the
7730/77303.
6
12V Output
Current > 3A for 10 ms
This alert activates when there is too much load on
Shutdown
the 12V bus that is used to power accessory modules. Make sure
there are no short circuits and the 12V bus is not overloaded.
13
Low SDcard Storage
This alert activiates when an SDCard is present and there is
less than 100 MB of storage available on the card. Remove
some data from the SDCard to remove this alert.
14
SDcard Initialization
This alert activates when the 7730/77303 cannot initialize the
SDCard. Make sure you are using the MSD factory supplied
SDCard.
15
SDcard Write Error
This alert activates when the 7730/77303 is unable to write to
the SDCard. Make sure you are using the MSD factory supplied
SDCard.
16
SDcard Read Error
This alert activates when the 7730/77303 is unable to read the
SDCard. Make sure you are using the MSD factory supplied
SDCard.
17
SDcard Missing
SDcard not presentAND data acquisition enabledAND Engine
is running.
18
Data Acquisition
DAQ memory buffer overflow
This alert activates if the interal data acquisition memory buffer
overflows. This will cause a recording to end prematurely. Try
deactivating some data acquisition channels. Make sure you
are using the MSD factory supplied SDCard.
19
12V Output Overcurrent Current > 2A for 10 ms
This alert occurs when there is too much load on the 12V bus
that is used to power accessory modules. Make sure the 12V
bus is not overloaded.
20
EEPROM CRC Error
This alert occurs if the 7730/77303 is unable to recover
configuration data from its internal EEPROM memory. The
7730/77303 will attempt to recover a back-up stored in its
internal Flash memory. Verify your configuration settings are
correct. If this error occurs frequently, contact MSD tech support
for an RMA.
Individual Cylinder Timing Rule
Enabled AND no CAM Sync pulse
detected
SDcard presentAND SDCard Free
Storage < 100 MB
SDcard present AND Error
Initializing SDCard
Error
SDcard present AND Error
writing to SDcard
SDcard present AND Error
reading to SDcard
SDcard not present AND
data acquisition enabled AND
EngineRPM > 0
Memory Overflow
Unable to read MFF data at startup
after 3 attempts
Weak Crank Sensor
Alert Alert
ID
Text
Alert Activation Conditions
Description
Voltage Low
21
EEPROM Write Error
This alert occurs if the 7730/77303 is unable to write
data to its internal EEPROM memory. If this error occurs
frequently, contact MSD tech support.
22
Data Acquisition
This alert activates if the internal data acquisition memory
buffer reaches a critical limit. This will cause some data
acquisition channels to be automatically disabled. Try
deactivating some data acquisition channels. Make sure
you are using the MSD factory supplied SDCard.
Unable to write any data to
EEPROM after 3 attempts
Memory Protection
DAQ memory buffer reaches
90% utilization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com