Electronic Components Datasheet Search
  English  ▼

X  

7730 Datasheet(PDF) 2 Page - Mallory performance club

Part # 7730
Description  MSD Power Grid System Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7730 Datasheet(HTML) 2 Page - Mallory performance club

  7730 Datasheet HTML 1Page - Mallory performance club 7730 Datasheet HTML 2Page - Mallory performance club 7730 Datasheet HTML 3Page - Mallory performance club 7730 Datasheet HTML 4Page - Mallory performance club 7730 Datasheet HTML 5Page - Mallory performance club 7730 Datasheet HTML 6Page - Mallory performance club 7730 Datasheet HTML 7Page - Mallory performance club 7730 Datasheet HTML 8Page - Mallory performance club 7730 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
INSTALLATION INSTRUCTIONS
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
4-Pin
Connector
(to PN 7720
or Power
Cable if not
used with
PN 7720)
LOOSE
WIRES
2-Pin
Connector
(Legacy)
3-Pin
Connector
Racepak
Assembly
6-Pin
Connector
(to Hub/
Modules)
Color
PIN
Function
Description
BLACK
16
GROUND
Ignition supply Ground wire. Connect to battery negative (-) terminal
or engine block.
ORANGE
17
BATT POWER Battery supply wire. Connects to battery positive (+) terminal or battery
junction.
Note: Do not connect to the alternator.
YEL/WHT 33
TRIGGER OUT Trigger output for electronic ignition amplifiers.
RED
34
POWER OUT
On/Off switch wiring. This wire supplies switched 12V power to the
7720.
RED
15
IGN
12V switched (Ignition)
GRAY
18
TACH
Tach output. This wire will provide a 12 volt square wave tach signal.
WHITE
32
POINTS IN
Trigger input from electronic ignition amplifiers, an ECU’s trigger or
points.
YELLOW
1
SHIFT LIGHT
Shift Light output wire. It can handle up to 3 amps continuous to ground
when enabled.
LT BLUE
4
BURN OUT
Burnout Rev Limit. When 12 volts are applied the Burnout Rev Limit is
active.This disables the Slew Rate rev limits and overrides other rev limits.
It is recommended to have this wire switched from an outside source, such
as the crew chief before the burnout and while staging the car.
DK BLUE
21
LAUNCH
This wire activates the Launch Rev Limit and is the main reset wire for
several features of the Ignition. When 12 volts are applied to this wire it
will activate the Launch Rev Limit. It also resets the shift light, the gear
indicator to first gear, the Launch Retard curve and select Gear 1 curve.
When 12 volts is removed, the Launch Time begins as does the Gear 1
curve. When 12 volts are applied the Slew Rate Rev limit will be disabled
as well as the Time-Based Rev Limit curve.
PINK
22
STEP 1
Step 1 retard enabled with +12 volt input AND above Step 1 Rpm value
OR Gear 2 Select.
VIOLET
5
STEP 2
Step 2 retard enabled with +12 volt input AND above Step 2 Rpm value
OR Gear 3 Select.
TAN
23
STEP3
Step 3 retard enabled with +12 volt input AND above Step 3 Rpm value
OR Gear 4 Select.
LT GREEN 6
STEP4
Step 4 retard enabled with +12 volt input AND above Step 4 Rpm value
OR Gear 5 Select.
GREEN
10
STEP5
Step 5 retard enabled with +12 volt input AND above Step 5 Rpm value
OR spool rev limiter.
BRN/WHT 19
RPM SW
RPM/Time switch output wire. It can switch up to 3 amps continuous
to ground when enabled.
YELLOW
7
RELAY LO
Network Ignition Mode: Cam sync output to Racepak systems for
individual cylinder timing.
YELLOW
24
RELAY HI
Legacy Ignition Mode: Rev limiter output to legacy ignition..
GREEN
8
MAG-
This is a magnetic pickup, 2-pin connector. Plugs into an MSD
VIOLET
9
MAG+
Distributor or Crank Trigger pickup.Violet is positive, Green is negative.
BROWN
25
SHIELD
Note: When this connector is used, the white POINTS IN wire is not
connected. Brown connects to ground.
WHITE
11
VNET HI
Communicates data acquisition information with RacePak system.
BLACK
VNET LO
Only used to plug into VNet.
RED
13
MSD CAN HI
Supplies 12V switched power to add on module units.Also communicates
between modules and Power Grid System Controller. This connector
is only used with modules added onto the system. This is for the MSD
CAN-Bus accessories. It is only used when adding Power Grid Modules
to the system. The Hub Connector, PN 7769, is required.
BROWN
27
SHIELD
RED
29
POWER OUT
BLACK
30
MSD CAN LO
BLACK
31
MSD CAN GND
Leading
Group
Wire
or
WIRING FEATURES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com