Electronic Components Datasheet Search
  English  ▼

X  

7730 Datasheet(PDF) 3 Page - Mallory performance club

Part # 7730
Description  MSD Power Grid System Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7730 Datasheet(HTML) 3 Page - Mallory performance club

  7730 Datasheet HTML 1Page - Mallory performance club 7730 Datasheet HTML 2Page - Mallory performance club 7730 Datasheet HTML 3Page - Mallory performance club 7730 Datasheet HTML 4Page - Mallory performance club 7730 Datasheet HTML 5Page - Mallory performance club 7730 Datasheet HTML 6Page - Mallory performance club 7730 Datasheet HTML 7Page - Mallory performance club 7730 Datasheet HTML 8Page - Mallory performance club 7730 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
INSTALLATION INSTRUCTIONS
3
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
RED - 12V SW OUT
BLACK - BATTERY (-)
ORANGE - BATTERY 12V
WHITE - POINTS OUT
MSD
CAN
MAG PICKUP
CONNECTOR
LEGACY IGNITION
SWITCHED IGNITION 12V
GREEN - STEP 5
LT. GREEN - STEP 4
TAN - STEP 3
VIOLET - STEP 2
PINK - STEP 1
BLUE - LAUNCH
LT. BLUE - BURN OUT
BRN/WHITE - RPM/TIME SWITCH
WHITE - POINTS IN
GRAY - TACH
YELLOW - SHIFT LIGHT
V-NET
CABLE
Figure 1 Wires of the Power Grid System Controller.
Figure 2 Wiring the Power Grid.
NOTE: SEE PAGES 10-12 FOR SCHEMATICS
SHOWING INSTALLATION TO OTHER
MSD IGNITION CONTROLS.
RED - 12V SW OUT
BLACK - BATTERY (-)
ORANGE - BATTERY 12V
WHITE - POINTS OUT
MSD
CAN
MAG PICKUP
CONNECTOR
LEGACY IGNITION
SWITCHED IGNITION 12V
GREEN - STEP 5
LT. GREEN - STEP 4
TAN - STEP 3
VIOLET - STEP 2
PINK - STEP 1
BLUE - LAUNCH
LT. BLUE - BURN OUT
BRN/WHITE - RPM/TIME SWITCH
WHITE - POINTS IN
GRAY - TACH
YELLOW - SHIFT LIGHT
PN 7720
IGNITION
ORANGE
BLACK
+
-
-
TO BATTERY POSITIVE
TO BATTERY NEGATIVE
HEAVY RED
HEAVY BLACK
V-NET
CABLE
VNET Connector
4-Pin Deutsch connector
3-Pin Deutsch connector
4-Pin Deutsch connector Female
VN7730 Harness
Connectors
Mating Pieces If any
3-Pin Deutsch connector Female



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com