Electronic Components Datasheet Search
  English  ▼

X  

TSL401 Datasheet(PDF) 2 Page - Texas Instruments

Part # TSL401
Description  128 횞 1 LINEAR SENSOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL401 Datasheet(HTML) 2 Page - Texas Instruments

  TSL401 Datasheet HTML 1Page - Texas Instruments TSL401 Datasheet HTML 2Page - Texas Instruments TSL401 Datasheet HTML 3Page - Texas Instruments TSL401 Datasheet HTML 4Page - Texas Instruments TSL401 Datasheet HTML 5Page - Texas Instruments TSL401 Datasheet HTML 6Page - Texas Instruments TSL401 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSL401
128
× 1 LINEAR SENSOR ARRAY
SOES011 – MARCH 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
AO
3
Analog output
CLK
2
Clock. The clock controls charge transfer, pixel output, and reset.
GND
6, 7
Ground (substrate). All voltages are referenced to the substrate.
NC
5, 8
No internal connection
SI
1
Serial input. This input defines the start of the data-out sequence.
VDD
4
Supply voltage. Supply voltage for both analog and digital circuits.
detailed description
The sensor consists of 128 photodiode pixels, arranged in a linear array. Light energy striking a pixel generates
photocurrent, which is then integrated. The amount of charge accumulated at each pixel is directly proportional
to the light intensity on that pixel and the integration time. The integration time is the interval between two
consecutive output periods.
A 128-bit shift register controls the output period of the device. An output period is initiated by applying a logic
level 1 to SI for one positive-going clock edge (see Figure 1). This logic one is clocked through a 128-bit shift
register, in which one bit is associated with each pixel. When a given bit is high, the associated pixel signal is
coupled to the analog output (AO) through an output amplifier. When the bit goes low, the integrator is reset.
AO is a source follower that requires an external pulldown resistor. The source-follower configuration permits
an analog wired-OR hookup of multiple devices. When the device is not in the output phase, the output is in a
high-impedance state. The output is nominally 0 V for no light input and 2 V for a nominal full-scale output.
The TSL401 is intended for use in a wide variety of applications, including mark and code reading, optical
character recognition (OCR) and contact imaging, edge detection and positioning, and optical linear and rotary
encoding.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com