Electronic Components Datasheet Search
  English  ▼

X  

TSL401 Datasheet(PDF) 3 Page - Texas Instruments

Part # TSL401
Description  128 횞 1 LINEAR SENSOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL401 Datasheet(HTML) 3 Page - Texas Instruments

  TSL401 Datasheet HTML 1Page - Texas Instruments TSL401 Datasheet HTML 2Page - Texas Instruments TSL401 Datasheet HTML 3Page - Texas Instruments TSL401 Datasheet HTML 4Page - Texas Instruments TSL401 Datasheet HTML 5Page - Texas Instruments TSL401 Datasheet HTML 6Page - Texas Instruments TSL401 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TSL401
128
× 1 LINEAR SENSOR ARRAY
SOES011 – MARCH 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings†
Supply voltage, VDD
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input current range, II
– 20 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions (see Figures 1 and 2)
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
5
5.5
V
Input voltage, VI
0
VDD
V
High-level input voltage, VIH
VDD × 0.7
VDD
V
Low-level input voltage, VIL
0
VDD × 0.3
V
Wavelength of light source,
λ
565
700
nm
Clock frequency, fclock
5
2000
kHz
Sensor integration time, tint
0.0645
100
ms
Setup time, serial input, tsu(SI)
0
ns
Hold time, serial input, th(SI) (see Note 1)
20
ns
Operating free-air temperature, TA
0
70
°C
NOTE 1: SI must go low before the rising edge of the next clock pulse.
SI
CLK
Output Period
Analog
tint
128 Cycles
Clock Continues or Remains Low After 129th Cycle
128 Cycles
AO
Figure 1. Timing Waveforms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com