Electronic Components Datasheet Search
  English  ▼

X  

ES4408 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ES4408
Description  DVD Processor Product Brief
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4408 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ES4408 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ESS Technology, Inc.
SAM0241-052101
3
ES4408 PRODUCT BRIEF
ES4408 PIN DESCRIPTION
ES4408 PIN DESCRIPTION
Table 1 lists the pin descriptions for the ES4408.
Table 1
ES4408 Pin Descriptions
Name
Number
I/O
Definition
VCC
1, 9, 18, 27, 35, 44,
51, 59, 68, 75, 83,
92, 99, 104, 111,
121, 130, 139, 148,
157, 164, 172, 183,
193, 201
I
3.65 V ± 150 mv.
LA[21:0]
23:19, 16:10, 7:2,
207:204
O
Device address output.
VSS
8, 17, 26, 34, 43, 52,
60, 67, 76, 84, 91,
98, 103, 112, 120,
129, 138, 147, 156,
163, 171, 177, 184,
192, 200, 208
I
Ground.
RESET#
24
I
Reset input, active low.
TDMDX
25
O
TDM transmit data.
RSEL
I
ROM Select
TDMDR
28
I
TDM receive data.
TDMCLK
29
I
TDM clock input.
TDMFS
30
I
TDM frame sync.
TDMTSC#
31
O
TDM output enable, active low.
TWS
32
O
Audio transmit frame sync.
SEL_PLL[2:0]
33
I
Select PLL1.
TSD[3:0]
38,37,36,33
O
Audio transmit serial data port.
MCLK
39
I/O
Audio master clock for audio DAC.
TBCK
40
I/O
Audio transmit bit clock.
SPDIF_DOBM
41
O
S/PDIF (IEC958) Format Output.
RSD
45
I
Audio receive serial data.
RWS
46
I
Audio receive frame sync.
RBCK
47
I
Audio receive bit clock.
APLLCAP
48
I
Analog PLL Capacitor.
XIN
49
I
Crystal input.
XOUT
50
O
Crystal output.
DMA[11:0]
66:61, 58:53
O
DRAM address bus.
DCAS#
69
O
Column address strobe, active low.
DOE#
70
O
Output enable, active low.
DSCK_EN
I
Clock Enable, active low.
DWE#
71
O
DRAM write enable, active low.
DRAS[2:0]#
74:72
O
Row address strobe, active low.
DB[15:0]
96:93, 90:85, 82:77
I/O
DRAM data bus.
DCS[1:0]#
97,100
O
SDRAM chip select [1:0], active low.
RSEL
Selection
0
8-bit ROM
1
16-bit ROM
SEL_PLL2 SEL_PLL0 Clock Output
0
0
2.5 x DCLK
0
1
3 x DCLK
1
0
3.5 x DCLK
1
1
4 x DCLK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com