Electronic Components Datasheet Search
  English  ▼

X  

ES4408 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ES4408
Description  DVD Processor Product Brief
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4408 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ES4408 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SAM0241-052101
ESS Technology, Inc.
ES4408 PRODUCT BRIEF
ES4408 PIN DESCRIPTION
Name
Number
I/O
Definition
DQM
101
O
Data input/output mask.
DSCK
102
O
Clock to SDRAM.
DCLK
105
I
Clock Input (27 MHz)
YUV[7:0]
115:113,110:106
O
8-bit YUV output.
PCLK2XSCN
116
I/O
2X pixel clock.
PCLKQSCN
117
I/O
Pixel clock.
VSYNCH#
118
I/O
Vertical sync for screen video interface, programmable for rising or falling
edge, active low.
HSYNCH#
119
I/O
Horizontal sync for screen video interface, programmable for rising or falling
edge, active low.
HD[15:0]
141:140,137:131,12
8:122
O
Host data bus
HCS1FX#
152
O
Host select 1.
HCS3FX#
153
O
Host select 3.
HIOCS16#
151
I
Device 16-bit data transfer.
HA[2:0]
158, 155:154
I/O
Host address bus.
VPP
159
I
5 V power supply.
HWR#/
DCI_ACK#
149
I,O
Host write/DCI Interface Acknowledge Signal, active low.
HRD#/DCI_CLK
150
O,O
Host read/DCI Interface Clock.
HD[15:0]
141:140, 137:131,
128:122
I/O
Host data bus.
HWRQ#
142
O
Host write request.
HRDQ#
143
O
Host read request.
HIRQ
144
I/O
Host interrupt.
HRST#
145
O
Host reset.
HIORDY
146
I
Host I/O ready.
AUX[7:0]
169:165,162:160
I/O
Auxiliary ports.
LOE#
170
O
Device output enable, active low.
LCS[3:0]#
176:173
O
Chip select [3:0], active low.
LD[15:0]
197:194, 191:185,
182:178
I/O
Device data bus.
LWRLL#
198
O
Device write enable, active low.
LWRHL#
199
O
Device write enable, active low.
NC
37,38,42,203:202
—
No connect.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com