Electronic Components Datasheet Search
  English  ▼

X  

ES4408 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ES4408
Description  DVD Processor Product Brief
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4408 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ES4408 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES4408 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ESS Technology, Inc.
SAM0241-052101
1
ES4408
DVD Processor
Product Brief
DESCRIPTION
The ES4408 Processor is a single-chip solution for a Digital
Versatile Disc (DVD) player that integrates MPEG video
decoding, DVD system navigation, Content Scrambling System
(CSS), and Dolby™ Digital (AC-3) and MPEG audio decoding.
The fully programmable ES4408 is based on a proprietary ESS
architecture. It offers the best feature set in comparison to any
currently existing DVD chip, and a glueless interface to various
peripheral components. The ES4408 is the most cost effective
solution in its class with an integration level and quality that set
new benchmarks.
The ES4408 processor is capable of decoding Dolby™ Digital
(AC-3) up to 5.1 channels or MPEG audio up to 7.1 channels
simultaneously with MPEG-1 or MPEG-2 video. For embedded
applications, the ES4408’s internal RISC processor can be used
in place of a microcontroller to provide all system control, DVD
system navigation, CSS decryption, and many other features.
On-chip, multi-tap filters provide arbitrary scaling with state of the
art SmartScale™ technology useful for video standards
conversion. SmartStream™ technology from ESS provides video
error concealment and video post-processing, leading to the
highest playability and video quality. Other features included in
the ES4408 are video letterbox display, DVD Sub-Picture
overlay, and On-Screen Display.
The ES4408 provides a glueless 8/16-bit parallel interface to
many DVD servo/loaders. It connects directly with 8/16-bit ROM
and 16-bit SDRAM/EDO. An 8-bit YUV video interface supports
many TV encoders. General purpose auxiliary pins are provided
to control various peripheral devices. A standard I2S interface
supports popular audio DACs and ADCs. The ES4408 also
features a direct S/PDIF output. Figure 1 shows a block diagram
of a typical standalone system using the ES4408 with the
glueless SDRAM interface.
The DVD system stream from a DVD disc is passed to the ™
ES4408 through the 8-bit/16-bit parallel host interface. The ™
ES4408 parses the system layer and demultiplexes the audio
and video streams. Audio is decoded and passed through the I2S
audio serial bus to an external audio DAC and then to the
speakers. Video is decoded and output as YUV pixels to an
NTSC or PAL video encoder. System control and housekeeping
functions (keypad and remote control) are also provided on-chip.
FEATURES
• Single-Chip DVD video decoder in a 208-pin PQFP package
• Supports MPEG-1 system and MPEG-2 program streams
• Programmable multimedia processor architecture
• Compatible with Audio CD, VideoCD 1.1, 2.0, Interactive
VCD 3.0, and Super VideoCD (SVCD)
• DVD Navigation 1.0
• Built-in Content Scrambling System (CSS)
Video
• Pan & Scan and Letter-Box conversions supported
• Trick modes such as Slow, Fast Forward, Fast Reverse,
Step, and Goto supported
• On-chip subpicture unit (SPU) decoder supports remote
control display functions
• On-chip 4-bit On-Screen Display (OSD) controller with 4-bit
blending supports karaoke lyric and subtitile display
functions.
• 8-bit YUV output
Audio
• Karaoke function
• Dolby™ Digital (AC-3) up to 5.1 channels or 2-channel
downmix audio output for Dolby™ Pro Logic
• MPEG audio up to 7.1 channel
• Linear PCM streams for 48 KHz and up to 96 KHz
• S/PDIF audio output
• Supports 256/384/512 frame sync audio system clocks
Smart Technology
• SmartZoom™ for motion zoom and pan
• SmartScale™ for NTSC to PAL conversion and vice versa
• SmartStream™ for video error concealment
Peripheral
• Bidirectional I2S audio interface
• Independent audio bit clock for transmit and receive port
• Direct servo/loader interface
• Supports up to 4 MB of SDRAM and/or 4 MB of EDO DRAM
• 8 general-purpose auxiliary ports
• Single 27 MHz clock input
• Power management
Figure 1 Typical ES4408 System Block Diagram.
™
ES4408
2MByte
SDRAM
DVD drive
EPROM
Panel
Interface
NTSC/PAL
Encoder
Audio
CODEC
TV
MIC
Speakers
Remote Control/
Keypad
Video
Audio


Similar Part No. - ES4408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES4427 ETC-ES4427 Datasheet
119Kb / 10P
Web/DVD Set-Top Box Solution
ES4428 ETC-ES4428 Datasheet
119Kb / 10P
Web/DVD Set-Top Box Solution
More results

Similar Description - ES4408

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
ES6168A ESS-ES6168A Datasheet
97Kb / 10P
Vibratto-S DVD Processor Product Brief
logo
Zarlink Semiconductor I...
ZL30462 ZARLINK-ZL30462 Datasheet
432Kb / 23P
Vibratto-S DVD Processor Product Brief
logo
List of Unclassifed Man...
ES6629 ETC1-ES6629 Datasheet
62Kb / 4P
Vibratto-II DVD Processor Product Brief
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
Vibratto-II Automotive DVD Processor Product Brief
logo
ESS Technology,Inc
ES6128 ESS-ES6128 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6168A ESS-ES6168A_05 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6178 ESS-ES6178 Datasheet
165Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
Vibratto-S Automotive DVD Processor Product Brief
ES8680 ESS-ES8680 Datasheet
94Kb / 2P
Phoenix LMX DVD Processor Product Brief
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com