Electronic Components Datasheet Search
  English  ▼

X  

27C256 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 27C256
Description  262,144-Bit (32K x 8) High Performance CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

27C256 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 27C256 Datasheet HTML 3Page - National Semiconductor (TI) 27C256 Datasheet HTML 4Page - National Semiconductor (TI) 27C256 Datasheet HTML 5Page - National Semiconductor (TI) 27C256 Datasheet HTML 6Page - National Semiconductor (TI) 27C256 Datasheet HTML 7Page - National Semiconductor (TI) 27C256 Datasheet HTML 8Page - National Semiconductor (TI) 27C256 Datasheet HTML 9Page - National Semiconductor (TI) 27C256 Datasheet HTML 10Page - National Semiconductor (TI) 27C256 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Functional Description
DEVICE OPERATION
The six modes of operation of the EPROM are listed in Ta-
ble I It should be noted that all inputs for the six modes are
at TTL levels The power supplies required are VCC and
VPP The VPP power supply must be at 1275V during the
three programming modes and must be at 5V in the other
three modes The VCC power supply must be at 625V dur-
ing the three programming modes and at 5V in the other
three modes
Read Mode
The EPROM has two control functions both of which must
be logically active in order to obtain data at the outputs
Chip Enable (CEPGM) is the power control and should be
used for device selection Output Enable (OE) is the output
control and should be used to gate data to the output pins
independent of device selection Assuming that addresses
are stable address access time (tACC) is equal to the delay
from CE to output (tCE) Data is available at the outputs tOE
after the falling edge of OE assuming that CEPGM has
been low and addresses have been stable for at least tACC–
tOE
Standby Mode
The EPROM has a standby mode which reduces the active
power dissipation by over 99% from 385 mW to 055 mW
The EPROM is placed in the standby mode by applying a
CMOS high signal to the CEPGM input When in standby
mode the outputs are in a high impedance state indepen-
dent of the OE input
Output Disable
The EPROM is placed in output disable by applying a TTL
high signal to the OE input When in output disable all cir-
cuitry is enabled except the outputs are in a high imped-
ance state (TRI-STATE)
Output OR-Typing
Because the EPROM is usually used in larger memory ar-
rays National has provided a 2-line control function that
accommodates this use of multiple memory connections
The 2-line control function allows for
a) the lowest possible memory power dissipation and
b) complete assurance that output bus contention will not
occur
To most efficiently use these two control lines it is recom-
mended that CEPGM be decoded and used as the primary
device selecting function while OE be made a common
connection to all devices in the array and connected to the
READ line from the system control bus This assures that all
deselected memory devices are in their low power standby
modes and that the output pins are active only when data is
desired from a particular memory device
Programming
CAUTION Exceeding 14V on pin 1 (VPP) will damage the
EPROM
Initially and after each erasure all bits of the EPROM are in
the ‘‘1’s’’ state Data is introduced by selectively program-
ming ‘‘0’s’’ into the desired bit locations Although only
‘‘0’s’’ will be programmed both ‘‘1’s’’ and ‘‘0’s’’ can be pre-
sented in the data word The only way to change a ‘‘0’’ to a
‘‘1’’ is by ultraviolet light erasure
The EPROM is in the programming mode when the VPP
power supply is at 1275V and OE is at VIH It is required
that at least a 01 mF capacitor be placed across VPP VCC
to ground to suppress spurious voltage transients which
may damage the device The data to be programmed is
applied 8 bits in parallel to the data output pins The levels
required for the address and data inputs are TTL
When the address and data are stable an active low TTL
program pulse is applied to the CEPGM input A program
pulse must be applied at each address location to be pro-
grammed The EPROM is programmed with the Fast Pro-
gramming Algorithm shown in
Figure 1 Each Address is
programmed with a series of 100 ms pulses until it verifies
good up to a maximum of 25 pulses Most memory cells will
program with a single 100 ms pulse
The EPROM must not be programmed with a DC signal ap-
plied to the CEPGM input
Programming multiple EPROM in parallel with the same
data can be easily accomplished due to the simplicity of the
programming requirments Like inputs of the parallel EP-
ROM may be connected together when they are pro-
grammed with the same data A low level TTL pulse applied
to the CEPGM input programs the paralleled EPROM
Program Inhibit
Programming multiple EPROMs in parallel with different
data is also easily accomplished Except for CEPGM all
like inputs (including OE) of the parallel EPROMs may be
common A TTL low level program pulse applied to an EP-
ROM’s CEPGM input with VPP at 1275V will program that
EPROM A TTL high level CEPGM input inhibits the other
EPROMs from being programmed
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com