Electronic Components Datasheet Search
  English  ▼

X  

27C256 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 27C256
Description  262,144-Bit (32K x 8) High Performance CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

27C256 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 27C256 Datasheet HTML 4Page - National Semiconductor (TI) 27C256 Datasheet HTML 5Page - National Semiconductor (TI) 27C256 Datasheet HTML 6Page - National Semiconductor (TI) 27C256 Datasheet HTML 7Page - National Semiconductor (TI) 27C256 Datasheet HTML 8Page - National Semiconductor (TI) 27C256 Datasheet HTML 9Page - National Semiconductor (TI) 27C256 Datasheet HTML 10Page - National Semiconductor (TI) 27C256 Datasheet HTML 11Page - National Semiconductor (TI) 27C256 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Functional Description (Continued)
Program Verify
A verify should be performed on the programmed bits to
determine whether they were correctly programmed The
verify may be performed with VPP at 1275V VPP must be at
VCC except during programming and program verify
AFTER PROGRAMMING
Opaque labels should be placed over the EPROM window
to prevent unintentional erasure Covering the window will
also prevent temporary functional failure due to the genera-
tion of photo currents
MANUFACTURER’S IDENTIFICATION CODE
The EPROM has a manufacturer’s identification code to aid
in programming When the device is inserted in an EPROM
programmer socket the programmer reads the code and
then automatically calls up the specific programming algo-
rithm for the part This automatic programming control is
only possible with programmers which have the capability of
reading the code
The Manufacturer’s Identification code shown in Table II
specifically identifies the manufacturer and device type The
code for NM27C256 is ‘‘8F04’’ where ‘‘8F’’ designates that
it is made by National Semiconductor and ‘‘04’’ designates
a 256K part
The code is accessed by applying 12V g05V to address
pin A9 Addresses A1 – A8 A10 – A16 and all control pins
are held at VIL Address pin A0 is held at VIL for the manu-
facturer’s code and held at VIH for the device code The
code is read on the eight data pins O0–O7 Proper code
access is only guaranteed at 25 Cto g5 C
ERASURE CHARACTERISTICS
The erasure characteristics of the device are such that era-
sure begins to occur when exposed to light with wave-
lengths shorter than approximately 4000 Angstroms ( ) It
should be noted that sunlight and certain types of fluores-
cent lamps have wavelengths in the 3000 – 4000
range
The recommended erasure procedure for the EPROM is ex-
posure to short wave ultraviolet light which has a wave-
length of 2537
The integrated dose (ie UV intensity c
exposure time) for erasure should be a minimum of
15W-seccm2
The EPROM should be placed within 1 inch of the lamp
tubes during erasure Some lamps have a filter on their
tubes which should be removed before erasure Table III
shows the minimum EPROM erasure time for various light
intensities
An erasure system should be calibrated periodically The
distance from lamp to device should be maintained at one
inch The erasure time increases as the square of the dis-
tance from the lamp (if distance is doubled the erasure time
increases by factor of 4) Lamps lose intensity as they age
When a lamp is changed the distance has changed or the
lamp has aged the system should be checked to make cer-
tain full erasure is occurring Incomplete erasure will cause
symptoms that can be misleading Programmers compo-
nents and even system designs have been erroneously
suspected when incomplete erasure was the problem
SYSTEM CONSIDERATION
The power switching characteristics of EPROMs require
careful decoupling of the devices The supply current ICC
has three segments that are of interest to the system de-
signer the standby current level the active current level
and the transient current peaks that are produced by volt-
age transitions on input pins The magnitude of these tran-
sient current peaks is dependent of the output capacitance
loading of the device The associated VCC transient voltage
peaks can be suppressed by properly selected decoupling
capacitors It is recommended that at least a 01 mF ceramic
capacitor be used on every device between VCC and GND
This should be a high frequency capacitor of low inherent
inductance In addition at least a 47 mF bulk electrolytic
capacitor should be used between VCC and GND for each
eight devices The bulk capacitor should be located near
where the power supply is connected to the array The pur-
pose of the bulk capacitor is to overcome the voltage drop
caused by the inductive effects of the PC board traces
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com