Electronic Components Datasheet Search
  English  ▼

X  

HMC365 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC365
Description  Satellite Communication Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC365 Datasheet(HTML) 4 Page - Analog Devices

  HMC365 Datasheet HTML 1Page - Analog Devices HMC365 Datasheet HTML 2Page - Analog Devices HMC365 Datasheet HTML 3Page - Analog Devices HMC365 Datasheet HTML 4Page - Analog Devices HMC365 Datasheet HTML 5Page - Analog Devices HMC365 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
1 - 29
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Description
Pad Number
Function
Description
Interface Schematic
1
IN
RF Input 180° out of phase with pad 3 for differential operation.
AC ground for single ended operation.
2
IN
RF Input must be DC blocked.
3, 4, 5
Vcc
Supply Voltage 5V ±0.25V can be applied to pad 3, 4, or 5.
6OUT
Divided Output
7
OUT
Divided output 180° out of phase with OUT.
8PWR SEL
In the low power mode, the power select pin is left floating.
By grounding this pin, the output power is increased by
approximately 10 dB.
9PWR DWN
The power down pin is grounded for normal operation.
Applying 5 volts to this pin will power down this device.
10
DISABLE
The disable pin is grounded for normal operation.
Applying 5 volts to this pin will disable the input buffer amplifier.
HMC365
v05.0109
GaAs HBT MMIC
DIVIDE-BY-4, DC - 13 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com