Electronic Components Datasheet Search
  English  ▼

X  

HMC365 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC365
Description  Satellite Communication Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC365 Datasheet(HTML) 1 Page - Analog Devices

  HMC365 Datasheet HTML 1Page - Analog Devices HMC365 Datasheet HTML 2Page - Analog Devices HMC365 Datasheet HTML 3Page - Analog Devices HMC365 Datasheet HTML 4Page - Analog Devices HMC365 Datasheet HTML 5Page - Analog Devices HMC365 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1 - 26
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC365
GaAs HBT MMIC
DIVIDE-BY-4, DC - 13 GHz
General Description
Features
Functional Diagram
The HMC365 is a low noise Divide-by-4 Static Divider
with InGaP GaAs HBT technology that has a small
size of 1.30 x 0.69 mm. This device operates from
DC (with a square wave input) to 13 GHz input
frequency with a single +5V DC supply. The low
additive SSB phase noise of -151 dBc/Hz at 100 kHz
offset helps the user maintain good system noise
performance.
Ultra Low SSB Phase Noise: -151 dBc/Hz
Wide Bandwidth
Output Power: 5 dBm
Single DC Supply: +5V
Small Size: 1.30 x 0.69 x 0.1 mm
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc = 5V
Typical Applications
Prescaler for DC to Ku Band PLL Applications:
• Satellite Communication Systems
• Fiber Optic
• Piont-to-Point and Point-to-Multi-Point Radios
• VSAT
v05.0109
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
13
14
GHz
Minimum Input Frequency
Sine Wave Input. [1]
0.2
0.5
GHz
Input Power Range
Fin = 1 to 10 GHz
-15
>-20
+10
dBm
Fin = 10 to 12 GHz
-10
>-15
+3
dBm
Fin = 12 to 13 GHz
-5
>-8
+3
dBm
Output Power [2]
Fin = 13 GHz
2
5
dBm
Reverse Leakage
Both RF Outputs Terminated
45
dB
SSB Phase Noise (100 kHz offset)
Pin = 0 dBm, Fin = 6 GHz
-151
dBc/Hz
Output Transition Time
Pin = 0 dBm, Fout = 882 MHz
100
ps
Supply Current (Icc) [2]
110
mA
[1] Divider will operate down to DC for square-wave input signal.
[2] When operated in high power mode (pin 8 connected to ground).
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC365

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC365 HITTITE-HMC365 Datasheet
205Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365 HITTITE-HMC365 Datasheet
193Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC365 HITTITE-HMC365 Datasheet
208Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
logo
Micross Components
HMC365 MICROSS-HMC365 Datasheet
839Kb / 9P
Piont-to-Point and Point-to-Multi-Point Radios
logo
Analog Devices
HMC3653LP3BE AD-HMC3653LP3BE Datasheet
521Kb / 8P
HBT GAIN BLOCK MMIC AMPLIFIER
More results

Similar Description - HMC365

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA3240C-LF ZCOMM-PSA3240C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
PSA3295C-LF ZCOMM-PSA3295C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
PSA3500A ZCOMM-PSA3500A Datasheet
76Kb / 2P
Satellite Communication
DRO8000A ZCOMM-DRO8000A Datasheet
144Kb / 2P
Voltage-Controlled Oscillator Satellite Communication Systems
logo
Micross Components
HMC339 MICROSS-HMC339 Datasheet
953Kb / 11P
Satellite Communication Systems
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
Satellite Communication Systems
HMC404 MICROSS-HMC404 Datasheet
893Kb / 11P
Satellite Communication Systems
HMC555 MICROSS-HMC555 Datasheet
891Kb / 9P
Satellite Communication Systems
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
Satellite communication systems
HMC365S8G AD-HMC365S8G Datasheet
345Kb / 6P
Satellite Communication Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com