Electronic Components Datasheet Search
  English  ▼

X  

HMC365 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC365
Description  Satellite Communication Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC365 Datasheet(HTML) 5 Page - Analog Devices

  HMC365 Datasheet HTML 1Page - Analog Devices HMC365 Datasheet HTML 2Page - Analog Devices HMC365 Datasheet HTML 3Page - Analog Devices HMC365 Datasheet HTML 4Page - Analog Devices HMC365 Datasheet HTML 5Page - Analog Devices HMC365 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
1 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Assembly Diagrams
AC coupling capacitors.
To +5V Vcc Supply
(Bypassed via 10 uF Capacitor).
AC coupling capacitors.
Optional AC coupled
differential input. Should
be AC grounded for
single ended operation.
Optional AC coupled
differential output. For best
single ended reverse leakage
performance, this port should
be terminated into 50 ohm.
This port should be grounded
for normal operation. Applying
+5V to this port will disable the
input buffer amplifier.
This port should be grounded
for normal operation. Applying
+5V to this port will power down
the device.
For high power output, this
port should be bonded to
ground. For low power output,
this port should be floating.
Function
Pin
5V
GND
Float
DISABLE
10
Output Off
Output On
X
PWR
DWN
9
Power
Down
Power Up
X
PWR
SEL
8X
High
Power
Output
Low
Power
Output
X = State not permitted.
HMC365
v05.0109
GaAs HBT MMIC
DIVIDE-BY-4, DC - 13 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com