Electronic Components Datasheet Search
  English  ▼

X  

HCTL1100 Datasheet(PDF) 38 Page - Agilent(Hewlett-Packard)

Part # HCTL1100
Description  General Purpose Motion Control ICs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL1100 Datasheet(HTML) 38 Page - Agilent(Hewlett-Packard)

Back Button HCTL1100 Datasheet HTML 32Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 33Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 34Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 35Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 36Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 37Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 38Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 39Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 40Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
38
12345
678
9
10
11
12
RC VCC PH OE
A
K
K
A
UDN2954W
SIGN
PULSE
DC MOTOR
+V
MOTOR
+5 V
10 µF
30 K
Figure 15. I/O Port Block Diagram.
Figure 16. Linear Amplifier Interface.
Figure 17. H-Bridge Amplifier Interface.
VCC
Vref+
IO
VEE
COMP
Vref+
GND
A8 (LSB)
A7
A6
A5
A4
A3
A2
A1 (MSB)
15
2
2.5 K
13
14
2.5 K
+5 V
4
3
–12 V
75 pf
16
18
12
19
11
20
10
21
9
22
8
23
7
24
6
25
5
MC1408
(LSB) MC0
MC1
MC2
MC3
MC4
MC5
MC6
(MSB) MC7
HCTL-1000
+5 V
5 K
RO
5 K
RL
VOUT
6
2
3
X–
X+
LF356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com