Electronic Components Datasheet Search
  English  ▼

X  

HCTL1100 Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # HCTL1100
Description  General Purpose Motion Control ICs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL1100 Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button HCTL1100 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HCTL1100 Datasheet HTML 25Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
PWM Motor Command
Register (R09H)
The PWM port outputs the motor
command as a pulse width
modulated signal with the correct
sign of polarity. The PWM port
consists of the Pulse and Sign
pins and R09H.
The PWM signal at the Pulse pin
has a frequency of External
Clock/100 and the duty cycle is
(–40D) gives a 40% duty cycle
signal at the Pulse pin and forces
the Sign pin high. Data outside
the 64H (+100D) to 9CH
(–100D) linear range gives 100%
duty cycle. R09H can be read and
written to. However, the user
should only write to R09H when
the controller is in the Initiali-
zation/Idle mode.
Figure 5 shows the PWM output
versus the internal motor
command.
Figure 4. Motor Command Port Output.
resolved into the 100 clocks. (For
example, a 2 MHz clock gives a
20 KHz PWM frequency.)
The Sign pin gives the polarity of
the command. Low output on Sign
pin is positive polarity.
The 2’s-complement contents of
R09H determine the duty cycle
and polarity of the PWM
command. For example, D8H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com