Electronic Components Datasheet Search
  English  ▼

X  

NE564 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NE564
Description  Operation with single 5V supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE564 Datasheet(HTML) 6 Page - NXP Semiconductors

  NE564 Datasheet HTML 1Page - NXP Semiconductors NE564 Datasheet HTML 2Page - NXP Semiconductors NE564 Datasheet HTML 3Page - NXP Semiconductors NE564 Datasheet HTML 4Page - NXP Semiconductors NE564 Datasheet HTML 5Page - NXP Semiconductors NE564 Datasheet HTML 6Page - NXP Semiconductors NE564 Datasheet HTML 7Page - NXP Semiconductors NE564 Datasheet HTML 8Page - NXP Semiconductors NE564 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors
Product specification
NE/SE564
Phase-locked loop
1994 Aug 31
6
EQUIVALENT SCHEMATIC
Q41
Q46
LIMITER
PHASE
COMPARATOR
VCO
AMPLIFIER
DC RETRIEVER
SCHMITT TRIGGER
1
75
3
2
8
6
14
1
15
16
10
11
9
12
13
10k
10k
10k
10k
Q1
Q2 Q3
Q4
Q5
Q15
Q7
Q6
Q9
Q10
Q11
Q12
Q13
Q14
D1
D2
D3
D4
Q16
D5
D10
D11
Q30
Q29
Q33
Q31
Q32
Q34
Q36
Q31
Q42
Q22
Q45
R26
Q37
Q39
R29
D12
R27
R48
Q42
Q49
Q50
Q44
QR
Q24
Q23
Q22
Q21
R36
100
R35
100
Q28
Q27
Q40
Q41
Q47
Q48
D11
Q58
Q35
Q20
Q25
Q26
Q14
Q15
D7
D6
D9
D8
Q17
R7
1k
R8
1k
SR01030
Figure 6. Equivalent Schematic
LOCK RANGE ADJUSTMENT
FM INPUT
BIAS FILTER
LOOP FILTER
ANALOG OUT
POST DETECTION FILTER
FREQUENCY SET CAP
1k
1k
5V
5V
80pF
1kHz
.01
µF
0.01
µF
0.1
µF
0.01
µF
I2
0.47
µF
fO = 5MHz
fM = 1kHz
fO = 5MHz
6
7
3
1
810
9
12
13
14
15
5
4
11
2
16
564
SR01031
Figure 7. FM Demodulator at 5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com