Electronic Components Datasheet Search
  English  ▼

X  

NE564 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE564
Description  Operation with single 5V supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE564 Datasheet(HTML) 1 Page - NXP Semiconductors

  NE564 Datasheet HTML 1Page - NXP Semiconductors NE564 Datasheet HTML 2Page - NXP Semiconductors NE564 Datasheet HTML 3Page - NXP Semiconductors NE564 Datasheet HTML 4Page - NXP Semiconductors NE564 Datasheet HTML 5Page - NXP Semiconductors NE564 Datasheet HTML 6Page - NXP Semiconductors NE564 Datasheet HTML 7Page - NXP Semiconductors NE564 Datasheet HTML 8Page - NXP Semiconductors NE564 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors
Product specification
NE/SE564
Phase-locked loop
1
1994 Aug 31
853-0908 13720
DESCRIPTION
The NE/SE564 is a versatile, high guaranteed frequency
phase-locked loop designed for operation up to 50MHz. As shown
in the Block Diagram, the NE/SE564 consists of a VCO, limiter,
phase comparator, and post detection processor.
FEATURES
• Operation with single 5V supply
• TTL-compatible inputs and outputs
• Guaranteed operation to 50MHz
• External loop gain control
• Reduced carrier feedthrough
• No elaborate filtering needed in FSK applications
• Can be used as a modulator
• Variable loop gain (externally controlled)
APPLICATIONS
• High speed modems
• FSK receivers and transmitters
• Frequency Synthesizers
PIN CONFIGURATIONS
V+
LOOP FILTER
D, N Packages
TTL OUTPUT
LOOP GAIN CONTROL
INPUT TO PHASE COMP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
FROM VCO
LOOP FILTER
FM/RF INPUT
BIAS FILTER
GND
HYSTERESIS SET
ANALOG OUT
FREQ. SET CAP
VCO OUT 2
V+
VCO OUT TTL
FREQ. SET CAP
TOP VIEW
SR01025
Figure 1. Pin Configuration
• Signal generators
• Various satcom/TV systems
• pin configuration
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Small Outline (SO) Package
0 to +70
°C
NE564D
SOT109-1
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE564N
SOT38-4
16-Pin Plastic Dual In-Line Package (DIP)
-55 to +125
°C
SE564N
SOT38-4
BLOCK DIAGRAM
LIMITER
VCO
PHASE
COMPARATOR
SCHMITT
TRIGGER
RETRIEVER
DC
AMPLIFIER
POST DETECTION
PROCESSOR
1
2
3
45
6
7
8
9
10
11
12
13
14
15
16
V+
SR01026
Figure 2. Block Diagram


Similar Part No. - NE564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE564 ETC2-NE564 Datasheet
5Mb / 16P
LINEAR INTEGRATED CIRCUITS
NE564F ETC2-NE564F Datasheet
2Mb / 41P
LINEAR INTEGRATED CIRCUITS
NE564N ETC2-NE564N Datasheet
2Mb / 41P
LINEAR INTEGRATED CIRCUITS
More results

Similar Description - NE564

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS52-ST MICROCHIP-24LCS52-ST Datasheet
822Kb / 36P
Single Supply with Operation Down to 1.8V
08/02/11
logo
RF Micro Devices
RFCA1008 RFMD-RFCA1008 Datasheet
935Kb / 23P
5V Single Supply
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
Single power supply operation
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
Operation with single 5V supply
logo
Hotchip Technology Co.,...
AT24C02 HOTCHIP-AT24C02 Datasheet
909Kb / 13P
Single supply with operation down to 1.8v
logo
Maxim Integrated Produc...
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
Single-Supply Operation
Rev 1; 4/99
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
Single 3.3V/5V Operation
Rev 1; 6/98
MAX4090EVKIT MAXIM-MAX4090EVKIT Datasheet
86Kb / 6P
Single 2.7V to 5V Supply Operation
Rev 0; 1/09
MAX7474EVKIT MAXIM-MAX7474EVKIT Datasheet
129Kb / 6P
Single 5V DC Power-Supply Operation
Rev 0; 2/08
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
Single 5V Supply Operation
Rev 0; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com