Electronic Components Datasheet Search
  English  ▼

X  

LC700 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LC700
Description  Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC700 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LC700 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 9Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Patient Care Unit with Standard Laminate or Optional Terreon® Top
LC700, LC750
Installation Instructions
8
8/16/04
Bradley Corporation • 215-1171 Rev. D; EN 04-1037
Installation Instructions
continued . . .
Step 7: Completing Installation
1. Connect the flush valve water supply pipe to the flush valve 1" NPT inlet.
2. Install the strainer and tailpiece.
3. Install the P-trap (supplied by installer) to the sink drain, then connect the P-trap to the drain
pipe (piping supplied by installer).
Step 8: Reinstall the cabinet floor and back panel
1. Reinstall the cabinet floor and secure it to the cabinet frame with the two screws provided (see
Figure 16).
NOTE FOR OPTIONAL FOOT VALVE: The outlet hose must be positioned in the cabinet floor cutout
as shown in Figure 16.
2. Lay the trim piece around the base of the water closet on the cabinet floor (see Figure 16).
3. Using silicone caulk (supplied by installer), caulk between the trim piece and cabinet floor, and
caulk the gap between the pedestal and trim piece (see Figure 16).
4. Reinstall the back panel by bringing the sliding back panel in from the front of the module and
sliding the back panel into place.
5. Secure the back panel by sliding the back panel onto the frame corner (see Figure 17).
Figure 17
STATIONARY
BACK PLATE
PANEL
CLIP
CABINET
FLOOR
TRIM
PIECE
SLIDING BACK
PANEL
Figure 16
CAULK
TO SPOUT
CABINET FLOOR
PEDESTAL
TRIM
PIECE
FOOT PEDAL
OUTLET HOSE
CABINET FLOOR
SCREWS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com