Electronic Components Datasheet Search
  English  ▼

X  

LC700 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # LC700
Description  Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC700 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LC700 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 9Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Patient Care Unit with Standard Laminate or Optional Terreon® Top
LC700, LC750
Installation Instructions
10
8/16/04
Bradley Corporation • 215-1171 Rev. D; EN 04-1037
Patient Care Unit Cleaning and Maintenance
Regular cleaning greatly prolongs the service life of Terreon®, stainless steel and laminate fixtures and, at
the same time, helps to maintain a pleasing surface appearance. The amount and frequency of cleaning
depends on the service conditions involved. For best results, fixtures should be cleaned as often as films or
deposits become apparent. This will remove built-up deposits which may eventually cause concentration
cells to set on the surface.
CAUTION: USING CLEANERS THAT CONTAIN HARSH CHEMICALS, ABRASIVES, ACIDS
OR DISINFECTANTS, OR CLEANING WITH STEEL WOOL OR BRUSHES, WILL RESULT IN
DAMAGE TO ALL SURFACES. IF THESE CHEMICALS COME IN CONTACT WITH ANY
SURFACE, WIPE OFF THE SURFACE IMMEDIATELY AND FLUSH WITH SOAPY WATER.
ALWAYS READ THE LABEL ON ANY CLEANING PRODUCT BEFORE APPLYING TO ANY
FIXTURE.
Terreon® cleaning
• Daily cleaning: Wipe the Terreon® with a wet cloth, then rinse with clear water and wipe dry.
• Weekly cleaning: Give the Terreon® surface a thorough cleaning with a damp cloth and a
household liquid detergent or ammonia-based cleaner. Most stains can be removed by cleaning the
Terreon® surface with a mild abrasive cleaner, then rinsing and allowing to dry. Stubborn stains
can be cleaned as follows:
1. using a #7448 Scotch-Brite™ pad, scrub with an abrasive cleanser and water
2. clean thoroughly with clean soap and water and allow to dry
• Scorch marks: Although Terreon® will not burn, a lit cigarette in contact with the Terreon®
material could leave a scorch mark. Scorch marks can be removed with either an abrasive cleaner
or by buffing with a #7448 Scotch-Brite™ pad.
• Repair kit: A repair kit is available from Bradley to repair/patch Terreon®. Contact your Modular
Services representative to order a repair kit and be sure to specify color when ordering.
Stainless steel and laminate cleaning
• Give the laminate surface a thorough cleaning with a non-abrasive liquid tub-and-tile cleaner to
remove soil and maintain the glossy finish.
You may safely use the following cleaners:
Formula 409®
Spic and Span® Powder
Liquid Comet®
Mr. Clean®
Soft Scrub®
Windex®
Glass Plus®
DO NOT use the following:
Whitecap®
Lysol® Disinfectant Spray
Lestoil®
Pinesol®
Dow® Disinfectant Bathroom Cleaner
acetone, alcohol or steel wool/brushes
• Remove all material and deposits that tend to adhere to the laminate surface, taking special note of
crevices and corners
• Remove all material and deposits that tend to adhere to the stainless steel surface with stainless
steel polishing powder (always rub in the direction of the polishing lines)
• Check for rust spots or streaks on the stainless steel surface and look for the source of the rust (a
steel nail located in some iron or steel not actually a part of the stainless steel fixture may be the
cause). Rinse the laminate and stainless steel surfaces thoroughly and dry completely after
washing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com