Electronic Components Datasheet Search
  English  ▼

X  

LC700 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # LC700
Description  Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC700 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LC700 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 9Page - List of Unclassifed Manufacturers LC700 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Patient Care Unit with Standard Laminate or Optional Terreon® Top
Installation Instructions
LC700, LC750
Bradley Corporation • 215-1171 Rev. D; EN 04-1037
8/16/04
Installation Instructions
continued . . .
Step 9: Reinstall and adjust the door linkage
1. Reinstall the door linkage by loosely fastening the door linkage rod with the supplied nut onto
the linkage bracket (see Figure 18).
2. Close the door. If the water closet contacts the back wall before the door closes, adjust the door
linkage by turning the door linkage rod so that the door closes before the water closet comes in
contact with the back wall (see Figure 18). If no adjustment is needed, tighten the nut securely
on the linkage bracket.
NOTE: The linkage arm has a factory-set length. When the door linkage is fastened to the linkage
bracket, the door will open 110 degrees. If the PATIENT CARE UNIT is installed against a corner
wall, make sure the door does not come in contact with the wall, or the water closet does not come in
contact with the back wall when the door is opened or closed. Make adjustments, if necessary, and
refer to Figure 18 with inset.
3. After the adjustments are made, tighten the nut securely on the linkage arm.
Figure 18
2nd hole for 110 °
opening
3rd hole for 90 °
opening
DOOR
LINKAGE
BRACKET
DOOR
LINKAGE
ARM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com