Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA240
Description  Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 2 Page - Texas Instruments

  INA240 Datasheet HTML 1Page - Texas Instruments INA240 Datasheet HTML 2Page - Texas Instruments INA240 Datasheet HTML 3Page - Texas Instruments INA240 Datasheet HTML 4Page - Texas Instruments INA240 Datasheet HTML 5Page - Texas Instruments INA240 Datasheet HTML 6Page - Texas Instruments INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
INA240-Q1
SBOS808A – AUGUST 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: INA240-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (cont.) ................................................. 2
6
Device Comparison Table..................................... 3
7
Pin Configuration and Functions ......................... 3
8
Specifications......................................................... 4
8.1
Absolute Maximum Ratings ...................................... 4
8.2
ESD Ratings ............................................................ 4
8.3
Recommended Operating Conditions ....................... 4
8.4
Thermal Information .................................................. 4
8.5
Electrical Characteristics........................................... 5
8.6
Typical Characteristics .............................................. 6
9
Detailed Description ............................................ 10
9.1
Overview ................................................................. 10
9.2
Functional Block Diagram ....................................... 10
9.3
Feature Description................................................. 10
9.4
Device Functional Modes........................................ 12
10
Application and Implementation........................ 18
10.1
Application Information.......................................... 18
10.2
Typical Applications .............................................. 20
10.3
Do's and Don'ts .................................................... 24
11
Power Supply Recommendations ..................... 24
11.1
Power Supply Decoupling ..................................... 24
12
Layout................................................................... 25
12.1
Layout Guidelines ................................................. 25
12.2
Layout Example .................................................... 25
13
Device and Documentation Support ................. 26
13.1
Documentation Support ....................................... 26
13.2
Related Links ........................................................ 26
13.3
Receiving Notification of Documentation Updates 26
13.4
Community Resources.......................................... 26
13.5
Trademarks ........................................................... 26
13.6
Electrostatic Discharge Caution ............................ 26
13.7
Glossary ................................................................ 26
14
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (August 2016) to Revision A
Page
•
Added 8-pin D (SOIC) package for the INA240-Q1 Grade 0 and Grade 1 device ............................................................... 1
•
Added thermal values for the D (SOIC) package in the Thermal Information table .............................................................. 4
5 Description (cont.)
This device operates from a single 2.7-V to 5.5-V power supply, drawing a maximum of 2.4 mA of supply current.
Four fixed gains are available: 20 V/V, 50 V/V, 100 V/V, and 200 V/V. The low offset of the zero-drift architecture
enables current sensing with maximum drops across the shunt as low as 10-mV full-scale. Grade 1 versions are
specified over the extended operating temperature range (–40°C to +125°C) and are offered in an 8-pin TSSOP
and 8-pin SOIC packages. Grade 0 versions are specified over the extended operating temperature range
(–40°C to +150°C) and are offered in an 8-pin SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com