Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA240
Description  Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 1 Page - Texas Instruments

  INA240 Datasheet HTML 1Page - Texas Instruments INA240 Datasheet HTML 2Page - Texas Instruments INA240 Datasheet HTML 3Page - Texas Instruments INA240 Datasheet HTML 4Page - Texas Instruments INA240 Datasheet HTML 5Page - Texas Instruments INA240 Datasheet HTML 6Page - Texas Instruments INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
+
Supply
(2.7V to 5.5V)
IN+
IN-
REF1
REF2
OUT
Time (2 µs/div)
-30
-1.5
0
-1
30
-0.5
60
0
90
0.5
120
1
150
1.5
180
2
210
2.5
240
3
270
3.5
D004
270
Y1
240
210
180
150
3.50
Y1
3
2.5
2
1.5
Common-Mode Step
INA240 OUT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
INA240-Q1
SBOS808A – AUGUST 2016 – REVISED DECEMBER 2016
INA240-Q1 Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional,
Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
1
1 Features
1
•
Qualified for Automotive Applications
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
–
Device Temperature Grade 0: –40°C to
+150°C Ambient Operating Temperature
Range
–
Device HBM ESD Classification Level H2
–
Device CDM ESD Classification Level C5
•
Enhanced PWM Rejection
•
Excellent CMRR:
–
132-dB DC CMRR
–
93-dB AC CMRR at 50 kHz
•
Wide Common-Mode Range: –4 V to 80 V
•
Accuracy:
–
Gain Error: 0.20% (Maximum) With 2.5 ppm/°C
(Maximum Drift)
–
Offset Voltage: ±25 μV (Maximum) With 250
nV/°C (Maximum Drift)
•
Available Gains:
–
INA240A1-Q1: 20 V/V
–
INA240A2-Q1: 50 V/V
–
INA240A3-Q1: 100 V/V
–
INA240A4-Q1: 200 V/V
2 Applications
•
Electronic Power Steering
•
Stability and Traction Control
•
Motor and Actuator Control
•
Solenoid and Valve Control
3 Description
The INA240-Q1 device is an automotive-qualified,
voltage-output, current-sense amplifier with enhanced
PWM rejection that can sense drops across shunt
resistors over a wide common-mode voltage range
from –4 V to 80 V, independent of the supply voltage.
The negative common-mode voltage allows the
device to operate below ground, accommodating the
flyback
period
of
typical
solenoid
applications.
Enhanced PWM rejection provides high levels of
suppression
for
large
common-mode
transients
(ΔV/Δt) in systems that use pulse width modulation
(PWM) signals (such as motor drives and solenoid
control systems). This feature allows for accurate
current measurements without large transients and
associated recovery ripple on the output voltage.
This device operates from a single 2.7-V to 5.5-V
power supply, drawing a maximum of 2.4 mA of
supply current. Four fixed gains are available: 20 V/V,
50 V/V, 100 V/V, and 200 V/V. The low offset of the
zero-drift architecture enables current sensing with
maximum drops across the shunt as low as 10-mV
full-scale. Grade 1 versions are specified over the
extended operating temperature range (–40°C to
+125°C) and are offered in an 8-pin TSSOP and 8-
pin SOIC packages. Grade 0 versions are specified
over the extended operating temperature range
(–40°C to +150°C) and are offered in an 8-pin SOIC
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA240-Q1
TSSOP (8) - Grade
1 only
3.00 mm × 4.40 mm
SOIC (8) - Grade 0
and 1
4.00 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
Enhanced PWM Rejection


Similar Part No. - INA240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA240 TI1-INA240 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI2-INA240 Datasheet
1Mb / 39P
INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED DECEMBER 2021
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
More results

Similar Description - INA240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
logo
Texas Instruments
INA240-SEP TI1-INA240-SEP Datasheet
1Mb / 35P
Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier in Space Enhanced Plastic
INA240-SEP TI1-INA240-SEP_19 Datasheet
1Mb / 35P
Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier in Space Enhanced Plastic
INA186 TI1-INA186 Datasheet
1Mb / 31P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
INA190 TI1-INA190_19 Datasheet
1Mb / 41P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
INA186 TI1-INA186_V01 Datasheet
1Mb / 38P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
INA186 TI-INA186_V02 Datasheet
2Mb / 46P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com