Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA240
Description  Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA240 Datasheet HTML 4Page - Texas Instruments INA240 Datasheet HTML 5Page - Texas Instruments INA240 Datasheet HTML 6Page - Texas Instruments INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments INA240 Datasheet HTML 10Page - Texas Instruments INA240 Datasheet HTML 11Page - Texas Instruments INA240 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VS= 5-V
VS= 3.3-V
VS= 2.7-V
Frequency (Hz)
1
10
100
1k
10k
100k
1M
10
100
Common-Mode Voltage (V)
-10
0
10
20
30
40
50
60
70
80
90
-20
0
20
40
60
80
100
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
50
55
60
65
70
75
80
85
90
95
100
Output Current (mA)
GND
GND + 1
GND + 2
GND + 3
VS - 2
VS - 1
VS
0
1
2
3
4
5
6
7
D010
25qC
125qC
-40qC
Common-Mode Voltage (V)
-10
0
10
20
30
40
50
60
70
80
90
-20
0
20
40
60
80
100
120
8
INA240-Q1
SBOS808A – AUGUST 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: INA240-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VCM = 12 V, and VREF = VS / 2 (unless otherwise noted)
Figure 13. Output Voltage Swing vs Output Current
VS = 5 V
Figure 14. Input Bias Current vs Common-Mode Voltage
VS = 0 V
Figure 15. Input Bias Current vs Common-Mode Voltage
Figure 16. Input Bias Current vs Temperature
Figure 17. Quiescent Current vs Temperature
Figure 18. Input-Referred Voltage Noise vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com