Electronic Components Datasheet Search
  English  ▼

X  

AD627ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD627ARZ
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD627ARZ Datasheet HTML 9Page - Analog Devices AD627ARZ Datasheet HTML 10Page - Analog Devices AD627ARZ Datasheet HTML 11Page - Analog Devices AD627ARZ Datasheet HTML 12Page - Analog Devices AD627ARZ Datasheet HTML 13Page - Analog Devices AD627ARZ Datasheet HTML 14Page - Analog Devices AD627ARZ Datasheet HTML 15Page - Analog Devices AD627ARZ Datasheet HTML 16Page - Analog Devices AD627ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD627
Data Sheet
Rev. E | Page 12 of 24
G = +5
G = +100
G = +1000
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
1
10
1k
10k
100k
110
120
100
Figure 23. CMRR vs. Frequency, ±5 VS (CMV = 200 mV p-p)
FREQUENCY (Hz)
70
60
50
40
30
20
10
0
–10
–20
–30
100
1k
10k
100k
G = +1000
G = +100
G = +5
G = +10
Figure 24. Gain vs. Frequency (VS = 5 V, 0 V), VREF = 2.5 V
A
CH2
20mV
20µs
288mV
EXT1
Figure 25. Small Signal Pulse Response, G = +5, RL = 20 kΩ, CL = 50 pF
286mV
20mV
EXT1
20µs
A
CH2
Figure 26. Small Signal Pulse Response, G = +10, RL = 20 kΩ, CL = 50 pF
286mV
20mV
EXT1
100µs
A
CH2
Figure 27. Small Signal Pulse Response, G = +100, RL = 20 kΩ, CL = 50 pF
286mV
50mV
EXT1
1ms
A
CH2
Figure 28. Small Signal Pulse Response, G = +1000, RL = 20 kΩ, CL = 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com