Electronic Components Datasheet Search
  English  ▼

X  

AD627ARZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD627ARZ
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627ARZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD627ARZ Datasheet HTML 17Page - Analog Devices AD627ARZ Datasheet HTML 18Page - Analog Devices AD627ARZ Datasheet HTML 19Page - Analog Devices AD627ARZ Datasheet HTML 20Page - Analog Devices AD627ARZ Datasheet HTML 21Page - Analog Devices AD627ARZ Datasheet HTML 22Page - Analog Devices AD627ARZ Datasheet HTML 23Page - Analog Devices AD627ARZ Datasheet HTML 24Page - Analog Devices AD627ARZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AD627
Data Sheet
Rev. E | Page 20 of 24
LAYOUT AND GROUNDING
The use of ground planes is recommended to minimize the
impedance of ground returns (and hence, the size of dc errors).
To isolate low level analog signals from a noisy digital environment,
many data acquisition components have separate analog and
digital ground returns (see Figure 47). Return all ground pins
from mixed-signal components, such as analog-to-digital
converters, through the high quality analog ground plane.
Digital ground lines of mixed-signal components should also
be returned through the analog ground plane. This may seem
to break the rule of separating analog and digital grounds;
however, in general, there is also a requirement to keep the
voltage difference between digital and analog grounds on a
converter as small as possible (typically, <0.3 V). The increased
noise, caused by the digital return currents of the converter
flowing through the analog ground plane, is generally negligible.
To maximize isolation between analog and digital, connect the
ground planes back at the supplies.
If there is only one power supply available, it must be shared by
both digital and analog circuitry. Figure 48 shows how to minimize
interference between the digital and analog circuitry. As in the
previous case, use separate analog and digital ground planes or
use reasonably thick traces as an alternative to a digital ground
plane. Connect the ground planes at the ground pin of the power
supply. Run separate traces (or power planes) from the power
supply to the supply pins of the digital and analog circuits. Ideally,
each device should have its own power supply trace, but they
can be shared by multiple devices if a single trace is not used to
route current to both digital and analog circuitry.
VIN1
VDD
VIN2
AD627
7
4
4
1
6
14
3
5
3
6
2
AD627
AD7892-2
0.1µF
0.1µF
0.1µF
0.1µF
ANALOG POWER SUPPLY
+5V
–5V
GND
AGND
VDD
MICRO-
PROCESSOR
AGND
ADC
DGND
DIGITAL POWER SUPPLY
+5V
GND
12
Figure 47. Optimal Grounding Practice for a Bipolar Supply Environment with Separate Analog and Digital Supplies
0.1µF
VIN
VDD
AD627
7
4
4
1
5
3
6
2
AD7892-2
0.1µF
0.1µF
AGND
VDD
MICRO-
PROCESSOR
DGND
ADC
DGND
POWER SUPPLY
5V
GND
12
Figure 48. Optimal Ground Practice in a Single-Supply Environment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com