Electronic Components Datasheet Search
  English  ▼

X  

AD627ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD627ARZ
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD627ARZ Datasheet HTML 1Page - Analog Devices AD627ARZ Datasheet HTML 2Page - Analog Devices AD627ARZ Datasheet HTML 3Page - Analog Devices AD627ARZ Datasheet HTML 4Page - Analog Devices AD627ARZ Datasheet HTML 5Page - Analog Devices AD627ARZ Datasheet HTML 6Page - Analog Devices AD627ARZ Datasheet HTML 7Page - Analog Devices AD627ARZ Datasheet HTML 8Page - Analog Devices AD627ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AD627
Data Sheet
Rev. E | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Single Supply ................................................................................. 3
Dual Supply ................................................................................... 5
Dual and Single Supplies ............................................................. 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configurations and Function Descriptions ........................... 8
Typical Performance Characteristics ............................................. 9
Theory of Operation ...................................................................... 14
Using the AD627 ............................................................................ 15
Basic Connections...................................................................... 15
Setting the Gain .......................................................................... 15
Reference Terminal .................................................................... 16
Input Range Limitations in Single-Supply Applications....... 16
Output Buffering ........................................................................ 17
Input and Output Offset Errors................................................ 17
Make vs. Buy: A Typical Application Error Budget............... 18
Errors Due to AC CMRR .......................................................... 19
Ground Returns for Input Bias Currents ................................ 19
Layout and Grounding .............................................................. 20
Input Protection ......................................................................... 21
RF Interference ........................................................................... 21
Applications Circuits...................................................................... 22
Classic Bridge Circuit ................................................................ 22
4 mA to 20 mA Single-Supply Receiver .................................. 22
Thermocouple Amplifier .......................................................... 22
Outline Dimensions....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
12/13—Rev. D to Rev. E
Change to Voltage Noise, 1 kHz Parameter, Table 3.................... 6
Changes to Figure 35...................................................................... 14
Change to Equation 3, Input Range Limitations in Single-
Supply Applications Section.......................................................... 16
Changes to Table 8.......................................................................... 17
Changes to Figure 40...................................................................... 17
Change to Table 9 ........................................................................... 18
Change to 4 mA to 20 mA Single-Supply Receiver Section ..... 22
11/07—Rev. C to Rev. D
Changes to Features.......................................................................... 1
Changes to Figure 29 to Figure 34 Captions............................... 13
Changes to Setting the Gain Section............................................ 15
Changes to Input Range Limitations in Single-Supply
Applications Section....................................................................... 16
Changes to Table 7.......................................................................... 17
Changes to Figure 41...................................................................... 18
11/05—Rev. B to Rev. C
Updated Format..................................................................Universal
Added Pin Configurations and Function
Descriptions Section .........................................................................8
Change to Figure 33 ....................................................................... 13
Updated Outline Dimensions....................................................... 24
Changes to Ordering Guide.......................................................... 24
Rev. A to Rev. B
Changes to Figure 4 and Table I, Resulting Gain column......... 11
Change to Figure 9 ......................................................................... 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com