Electronic Components Datasheet Search
  English  ▼

X  

AD8420ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8420ARMZ
Description  Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8420ARMZ Datasheet HTML 4Page - Analog Devices AD8420ARMZ Datasheet HTML 5Page - Analog Devices AD8420ARMZ Datasheet HTML 6Page - Analog Devices AD8420ARMZ Datasheet HTML 7Page - Analog Devices AD8420ARMZ Datasheet HTML 8Page - Analog Devices AD8420ARMZ Datasheet HTML 9Page - Analog Devices AD8420ARMZ Datasheet HTML 10Page - Analog Devices AD8420ARMZ Datasheet HTML 11Page - Analog Devices AD8420ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Data Sheet
AD8420
Rev. A | Page 7 of 26
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current
Indefinite
Maximum Voltage at −IN or +IN
−VS + 40 V
Minimum Voltage at −IN or +IN
−VS − 0.5 V
Maximum Voltage at REF or FB
+VS + 0.5 V
Minimum Voltage at REF or FB
−VS − 0.5 V
Storage Temperature Range
−65°C to +150°C
ESD
Human Body Model
4 kV
Charge Device Model
1.25 kV
Machine Model
0.2 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for a device in free air.
Table 5.
Package
θJA
Unit
8-Lead MSOP, 4-Layer JEDEC Board
135
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com