Electronic Components Datasheet Search
  English  ▼

X  

AD8420ARMZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD8420ARMZ
Description  Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8420ARMZ Datasheet HTML 19Page - Analog Devices AD8420ARMZ Datasheet HTML 20Page - Analog Devices AD8420ARMZ Datasheet HTML 21Page - Analog Devices AD8420ARMZ Datasheet HTML 22Page - Analog Devices AD8420ARMZ Datasheet HTML 23Page - Analog Devices AD8420ARMZ Datasheet HTML 24Page - Analog Devices AD8420ARMZ Datasheet HTML 25Page - Analog Devices AD8420ARMZ Datasheet HTML 26Page - Analog Devices AD8420ARMZ Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Data Sheet
AD8420
Rev. A | Page 23 of 26
OUTPUT BUFFERING
The AD8420 is designed to drive loads of 20 kΩ or greater but
can deliver up to 10 mA to heavier loads at lower output voltage
swings (see Figure 42). If more output current is required, buffer
the AD8420 output with a precision op amp. Figure 67 shows
the recommended configuration using the ADA4692-2 with a
single supply. This low power op amp can swing its output from
1 V to 4 V on a single 5 V supply while sourcing or sinking
more than 30 mA of current. When using this configuration,
the load seen by the AD8420 is approximately R1 + R2.
R1
R2
+5V
–VS
+VS
–VS
+VS
0.1µF
VOUT
0.1µF
ADA4692-2
VIN
AD8420
VREF
Figure 67. Output Buffering
Because the ADA4692-2 is a dual op amp, another op amp is now
free for use as an active filter stage or to buffer another AD8420
output on the same PCB. Figure 68 shows another suggestion
for how to use this second op amp. In this circuit, the voltage
from the wiper of a potentiometer is buffered by the ADA4692-2,
allowing a variable level shift of the output. Resistors above and
below the potentiometer reduce the total range of the level shift
but increase the precision. If the potentiometer were connected
directly to the REF pin of the AD8420, gain error would be intro-
duced from the variable resistance. The potentiometer can be tuned
in hardware or software, depending on the type of potentiometer
chosen. For a list of digital potentiometers made by Analog
Devices, Inc., visit www.analog.com/digitalpotentiometers.
R1
R2
+5V
0.1µF
VOUT
0.1µF
ADA4692-2
VIN
AD8420
REF
R
R
CW
W
CCW
SUGGESTION FOR SECOND
AMPLIFIER: VARIABLE
LEVEL SHIFT WITHOUT
AFFECTING GAIN
Figure 68. Variable Level Shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com