Electronic Components Datasheet Search
  English  ▼

X  

AD8420ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8420ARMZ
Description  Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8420ARMZ Datasheet HTML 12Page - Analog Devices AD8420ARMZ Datasheet HTML 13Page - Analog Devices AD8420ARMZ Datasheet HTML 14Page - Analog Devices AD8420ARMZ Datasheet HTML 15Page - Analog Devices AD8420ARMZ Datasheet HTML 16Page - Analog Devices AD8420ARMZ Datasheet HTML 17Page - Analog Devices AD8420ARMZ Datasheet HTML 18Page - Analog Devices AD8420ARMZ Datasheet HTML 19Page - Analog Devices AD8420ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Data Sheet
AD8420
Rev. A | Page 15 of 26
+VS
–VS
+0.6
+0.8
+0.4
+0.2
–0.6
–0.8
–0.4
–0.2
1k
10k
100k
1M
LOAD RESISTANCE (Ω)
–40°C
+25°C
+85°C
+125°C
VS = 5V
VREF = 2.5V
Figure 39. Output Voltage Swing vs. Load Resistance, VS = 5 V
+VS
–VS
+0.6
+0.8
+0.4
+0.2
–0.6
–0.8
–0.4
–0.2
0.1
1
OUTPUT CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
VS = 5V
VREF = 2.5V
Figure 40. Output Voltage Swing vs. Output Current, VS = 5 V
15
10
5
0
–5
–10
–15
1k
10k
100k
1M
LOAD RESISTANCE (Ω)
–40°C
+25°C
+85°C
+125°C
Figure 41. Output Voltage Swing vs. Load Resistance, VS = ±15 V
+VS
–VS
–0.2
–0.4
–0.6
–0.8
+0.8
+0.6
+0.4
+0.2
0.1
1
OUTPUT CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
Figure 42. Output Voltage Swing vs. Output Current, VS = ±15
1k
2k
100
20
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 100
GAIN = 10
GAIN = 1
Figure 43. Voltage Noise Spectral Density vs. Frequency, RTI
0.4µV/DIV
1s/DIV
Figure 44. 0.1 Hz to 10 Hz RTI Voltage Noise, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com