Electronic Components Datasheet Search
  English  ▼

X  

PCF85116 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF85116
Description  Low power CMOS: maximum operating current 1.0 mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF85116 Datasheet HTML 1Page - NXP Semiconductors PCF85116 Datasheet HTML 2Page - NXP Semiconductors PCF85116 Datasheet HTML 3Page - NXP Semiconductors PCF85116 Datasheet HTML 4Page - NXP Semiconductors PCF85116 Datasheet HTML 5Page - NXP Semiconductors PCF85116 Datasheet HTML 6Page - NXP Semiconductors PCF85116 Datasheet HTML 7Page - NXP Semiconductors PCF85116 Datasheet HTML 8Page - NXP Semiconductors PCF85116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Apr 02
4
Philips Semiconductors
Product specification
2048
× 8-bit CMOS EEPROM with I2C-bus
interface
PCF85116-3
4
ORDERING INFORMATION
5
DEVICE SELECTION
Table 1
Device selection code
Note
1. The Most Significant Bit (MSB) ‘b7’ is sent first.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF85116-3P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCF85116-3T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
SELECTION
DEVICE CODE
CHIP ENABLE
R/W
Bit
b7(1)
b6
b5
b4
b3
b2
b1
b0
Device
1
0
1
0
MEM SEL
MEM SEL
MEM SEL
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com