Electronic Components Datasheet Search
  English  ▼

X  

PCF85116 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF85116
Description  Low power CMOS: maximum operating current 1.0 mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF85116 Datasheet HTML 6Page - NXP Semiconductors PCF85116 Datasheet HTML 7Page - NXP Semiconductors PCF85116 Datasheet HTML 8Page - NXP Semiconductors PCF85116 Datasheet HTML 9Page - NXP Semiconductors PCF85116 Datasheet HTML 10Page - NXP Semiconductors PCF85116 Datasheet HTML 11Page - NXP Semiconductors PCF85116 Datasheet HTML 12Page - NXP Semiconductors PCF85116 Datasheet HTML 13Page - NXP Semiconductors PCF85116 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Apr 02
10
Philips Semiconductors
Product specification
2048
× 8-bit CMOS EEPROM with I2C-bus
interface
PCF85116-3
9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. ESD Human Body model Q22 at Tamb =22 °C; discharge procedure according to MIL-STD-883C Method 3015.
10 CHARACTERISTICS
VDD = 2.7 to 5.5 V; VSS =0V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.3
+6.5
V
VI
input voltage on any pin
Zi > 500 Ω
VSS − 0.8
+6.5
V
II
input current on any pin
−
1mA
IO
output current
−
10
mA
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Vesd
electrostatic discharge voltage
note 1
2
−
kV
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Supplies
VDD
supply voltage
2.7
5.5
V
IDDR
supply current read
fSCL = 400 kHz;
VDD = 5.5 V
−
1.0
mA
IDDW
supply current E/W
fSCL = 400 kHz;
VDD = 5.5 V
−
1.0
mA
IDD(stb)
standby supply current
VDD = 2.7 V
−
6
µA
VDD = 5.5 V
−
10
µA
SDA input/output (pin 5)
VIL
LOW level input voltage
−0.8
+0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
6.5
V
VOL1
LOW level output voltage
IOL = 3 mA; VDD(min)
−
0.4
V
VOL2
IOL = 6 mA; VDD(min)
−
0.6
V
ILO
output leakage current
VOH =VDD
−
1
µA
to(f)
output fall time from VIHmin to VILmax
note 1
with up to 3 mA sink current at VOL1
20 + 0.1Cb 250
ns
with up to 6 mA sink current at VOL2
20 + 0.1Cb 250
ns
tSP
pulse width of spikes suppressed by filter
0
100
ns
CI
input capacitance
VI =VSS
−
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com