Electronic Components Datasheet Search
  English  ▼

X  

LM385 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LM385
Description  1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM385 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LM385 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.2 & 2.5V M ICROPOWER VOLTAGE REFERENCE
LM385/385B
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1996
Rev. 1.2
7/96
P RODUCTION D AT A S HEET
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply to T
A = 25ºC.
Typ number represents T
A = 25ºC value.)
Parameter
Symbol
Test Conditions
Units
LM385/385B-1.2
Min.
Typ.
Max.
1.205
1.235
1.260
V
1.223
1.235
1.247
V
20
ppm/°C
815
µA
1.5
mV
20
mV
1
Ω
60
µV
20
ppm/kHr
Reverse Breakdown Voltage
LM385
V
Z
I
MIN ≤ IR ≤ IMAX
LM385B
I
MIN ≤ IR ≤ IMAX
Average Temperature Coefficient
∆V
Z
I
R = 100µA
∆Temp
Minimum Operating Current
I
MIN
Reverse Breakdown Voltage Chang
e
∆V
Z
I
MIN ≤ IR ≤ 1mA
with Current
∆I
R
1mA
≤ I
R ≤ 20mA
Reverse Dynamic Impedance
r
z
I
R = 100µA
Wide Band Noise (RMS)
e
n
I
R = 100µA, 10Hz ≤ f ≤ 10kHz
Long Term Stability
∆V
Z
I
R = 100µA, TA = 25°C ± 0.1°C
∆Time
GRAPH / CURVE INDEX
Characteristic Curves
LM385/385B-1.2
FIGURE #
1.
RESPONSE TIME
2.
REVERSE CHARACTERISTICS
3.
FORWARD CHARACTERISTICS
4.
TEMPERATURE DRIFT
5.
REVERSE VOLTAGE CHANGE
6.
REVERSE DYNAMIC IMPEDANCE
7.
NOISE VOLTAGE
Parameter
Symbol
Test Conditions
Units
LM385/385B-2.5
Min.
Typ.
Max.
2.425
2.500
2.575
V
2.462
2.500
2.538
V
20
ppm/°C
13
20
µA
2mV
20
mV
1
Ω
120
µV
20
ppm/kHr
Reverse Breakdown Voltage
LM385
V
Z
I
MIN ≤ IR ≤ IMAX
LM385B
I
MIN ≤ IR ≤ IMAX
Average Temperature Coefficient
∆V
Z
I
R = 100µA
∆Temp
Minimum Operating Current
I
MIN
Reverse Breakdown Voltage Chang
e
∆V
Z
I
MIN ≤ IR ≤ 1mA
with Current
∆I
R
1mA
≤ I
R ≤ 20mA
Reverse Dynamic Impedance
r
z
I
R = 100µA, f = 20Hz
Wide Band Noise (RMS)
e
n
I
R = 100µA, 10Hz ≤ f ≤ 10kHz
Long Term Stability
∆V
Z
I
R = 100µA, TA = 25°C ± 0.1°C
∆Time
Characteristic Curves
LM385/385B-2.5
FIGURE #
8.
RESPONSE TIME
9.
REVERSE CHARACTERISTICS
10. FORWARD CHARACTERISTICS
11. TEMPERATURE DRIFT
12. REVERSE DYNAMIC IMPEDANCE
13. NOISE VOLTAGE
LM385/385B-1.2
LM385/385B-2.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com