Electronic Components Datasheet Search
  English  ▼

X  

LM385 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LM385
Description  1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM385 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LM385 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.2 & 2.5V MICROPOWER VOLTAGE R EFERENCE
LM385/385B
PRODUCT DA T ABOOK 1996/1997
Copyright © 1996
Rev. 1.2
7/96
2
P RODUCTION D ATA S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
PACKAGE PIN OUTS
Reverse Breakdown Current .................................................................................... 30mA
Forward Current ........................................................................................................ 10mA
Operating Temperature Range
LM385 ........................................................................................................... 0°C to 70°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (soldering, 10 seconds) ............................................................. 300°C
THERMAL DATA
DM PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
165ºC/W
LP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
165ºC/W
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
1. ANODE
2. CATHODE
3. N/C
LP PACKAGE
(Top View)
8.
7.
6.
5.
1.
2.
3 .
4.
N/C
N/C
N/C
ANODE
CATHODE
N/C
CATHODE
N/C
DM PACKAGE
(Top View)
Note 1. Values beyond which damage may occur. All voltages are specified with respect to
ground, and all currents are positive into the specified terminal



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com