Electronic Components Datasheet Search
  English  ▼

X  

LM385 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LM385
Description  1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM385 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LM385 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM385 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DESCRIPTION
KEY FEA TURES
s
s
s
s
s GUARANTEED 1% INITIAL ACCURACY
(LM385B-1.2)
s
s
s
s
s GUARANTEED 2.5% INITIAL ACCURACY
(LM385-1.2)
s
s
s
s
s GUARANTEED 1.5% INITIAL ACCURACY
(LM385B-2.5)
s
s
s
s
s GUARANTEED 3% INITIAL ACCURACY
(LM385-2.5)
p GUARANTEED 20µA OPERATING CURRENT
p LOW TEMPERATURE COEFFICIENT
p OPERATING CURRENT OF 20µA TO 20mA
p VERY LOW DYNAMIC IMPEDANCE . . . 1Ω
The LM385/385B Micropower Voltage
References are two terminal bandgap
reference diodes designed and optimized
for accurate low power operation in
portable and other power sensitive
systems.
Operating currents are
guaranteed from as low as 15µA up to
20mA for the LM385/385B-1.2, and 20µA
up to 20mA for the LM385/385B-2.5,
giving designers a great deal of flexibility
in optimizing power consumption, noise
and ultimate application performance. As
an added feature, the references output
impedance is extraordinarily low over the
entire operating range of quiescent
currents. This enables an extremely wide
dynamic load range with little effect on
the overall reference accuracy.
The LM385 family is available in fixed
1.2V and 2.5V reference values. Process
and circuit design optimization provide
for high accuracy with initial tolerance
values of 1% for the LM385B-1.2, 2% for
the LM385-1.2, 1.5% for the LM385B-2.5,
and
3%
for
the
LM385-2.5.
Complementing their initial accuracy, the
bandgap reference is temperature
compensated
to
deliver
20ppm
performance over the 0° to 70°C
operating temperature range.
The LM385 family from Linfinity is a
pin-for-pin replacement for the LM385/
385B family of voltage references.
P ACKAGE ORDER INFORMA TION
T
A (°C)
1.2V
±30mV
LM385DM-1.2
LM385LP-1.2
0 to 70
±12mV
LM385BDM-1.2
LM385BLP-1.2
2.5V
±75mV
LM385DM-2.5
LM385LP-2.5
±38mV
LM385BDM-2.5
LM385BLP-2.5
Reference
Voltage
DM
Plastic TO-92
3-pin
LP
Plastic SOIC
8-pin
Initial
Tolerance
APPLICA TIONS
s
s
s
s
s PORTABLE METER REFERENCES
p PORTABLE TEST INSTRUMENTS
p BATTERY OPERATED SYSTEMS
p CURRENT LOOP INSTRUMENTATION
PRODUCT HIGHLIGHT
MICROPOWER REFERENCE FROM
9V BATTERY
1.2V REFERENCE
1.2V
LM385-1.2V
5V
38k
2.5V
LM385-2.5V
9V
200k
1.2 & 2.5V M ICROPOWER VOLTAGE REFERENCE
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
Copyright © 1996
Rev. 1.2
7/96
FOR FUR THER INFORMA TION CALL (714) 898-8121
11861 WESTERN A VENUE, G ARDEN G ROVE, CA. 92841
LM385/385B
LIN D OC #: 385
1
Note: All surface-mount packages are available in Tape & Reel.
Append the letter "T" to part number. (i.e. LM385DM-2.5T)


Similar Part No. - LM385

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LM385 MICROSEMI-LM385 Datasheet
154Kb / 7P
1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
National Semiconductor ...
LM385 NSC-LM385 Datasheet
713Kb / 14P
Adjustable Micropower Voltage References
logo
Texas Instruments
LM385 TI2-LM385 Datasheet
963Kb / 27P
LM185/LM285/LM385 Adjustable Micropower Voltage References
REVISED APRIL 2013
LM385-1.2 TI-LM385-1.2 Datasheet
307Kb / 15P
MICROPOWER VOLTAGE REFERENCES
logo
National Semiconductor ...
LM385-1.2 NSC-LM385-1.2 Datasheet
698Kb / 11P
Micropower Voltage Reference Diode
More results

Similar Description - LM385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2000
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004 Datasheet
82Kb / 9P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Microsemi Corporation
LM385 MICROSEMI-LM385 Datasheet
154Kb / 7P
1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
1.2V / 2.5V Micropower Voltage Reference
SPX1004 SIPEX-SPX1004_07 Datasheet
793Kb / 9P
1.2V / 2.5V Micropower Voltage Reference
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
REF1004 TI1-REF1004 Datasheet
254Kb / 12P
1.2V and 2.5V Micropower VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com