Electronic Components Datasheet Search
  English  ▼

X  

DS1631Z Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1631Z
Description  High-Precision Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1631Z Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1631Z Datasheet HTML 2Page - Dallas Semiconductor DS1631Z Datasheet HTML 3Page - Dallas Semiconductor DS1631Z Datasheet HTML 4Page - Dallas Semiconductor DS1631Z Datasheet HTML 5Page - Dallas Semiconductor DS1631Z Datasheet HTML 6Page - Dallas Semiconductor DS1631Z Datasheet HTML 7Page - Dallas Semiconductor DS1631Z Datasheet HTML 8Page - Dallas Semiconductor DS1631Z Datasheet HTML 9Page - Dallas Semiconductor DS1631Z Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS1631/DS1631A/DS1731
6 of 14
Table 3. REGISTER SUMMARY
REGISTER NAME
(USER ACCESS)
SIZE
(BYTES)
MEMORY
TYPE
REGISTER CONTENTS
AND POWER-UP STATE
Temperature
(Read Only)
2SRAM
Measured temperature in two’s complement
format.
Power-up state: -60ºC (1100 0100 0000 0000)
TH
(Read/Write)
2
EEPROM
Upper alarm trip point in two’s complement
format.
Power-up state: user defined.
TL
(Read/Write)
2
EEPROM
Lower alarm trip point in two’s complement
format.
Power-up state: user defined.
Configuration
(Various bits are
Read/Write and Read
Only—See Table 5)
1
SRAM,
EEPROM
Configuration and status information. Unsigned
data.
6 MSbs = SRAM
2 LSbs (POL and 1SHOT bits) = EEPROM
Power-up state: 100011XX (XX = user defined)
OPERATION—MEASURING TEMPERATURE
The DS1631, DS1631A, and DS1731 measure temperature using bandgap-based temperature sensors. A
delta-sigma analog-to-digital converter (ADC) converts the measured temperature to a 9-, 10-, 11-, or 12-
bit (user-selectable) digital value that is calibrated in
°C; for °F applications a lookup table or conversion
routine must be used. Throughout this data sheet, the term “conversion” is used to refer to the entire
temperature measurement and ADC sequence.
The DS1631 and DS1731 always power-up in a low-power idle state, and the Start Convert T command
must be used to initiate conversions. The DS1631A always begins conversions automatically at power-
up.
The DS1631, DS1631A, and DS1731 can be programmed to perform continuous consecutive conversions
(continuous-conversion mode) or to perform single conversions on command (one-shot mode). The
conversion mode is programmed through the 1SHOT bit in the configuration register as explained in the
CONFIGURATION REGISTER section of this data sheet. In continuous-conversion mode, the DS1631A
begins performing continuous conversions immediately at power-up, and the DS1631 and DS1731 begin
continuous conversions after a Start Convert T command is issued. For all three devices, consecutive
conversions continue to be performed until a Stop Convert T command is issued, at which time the device
goes into a low-power idle state. Continuous conversions can be restarted at any time using the Start
Convert T command.
In one-shot mode the DS1631A performs a single conversion at power-up, and the DS1631 and DS1731
perform a single temperature conversion when a Start Convert T command is issued. For all three
devices, when the conversion is complete the device enters a low-power idle state and remains in that
state until a single temperature conversion is again initiated by a Start Convert T command.
The resolution of the output digital temperature data is user-configurable to 9, 10, 11, or 12 bits,
corresponding to temperature increments of 0.5
°C, 0.25°C, 0.125°C, and 0.0625°C, respectively. The
default resolution at power-up is 12 bits, and it can be changed through the R0 and R1 bits in the
configuration register. Note that the conversion time doubles for each additional bit of resolution.
After each conversion, the digital temperature is stored as a 16-bit two’s complement number in the two-
byte temperature register as shown in Figure 4. The sign bit (S) indicates if the temperature is positive or
negative: for positive numbers S = 0 and for negative numbers S = 1. The Read Temperature command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com