Electronic Components Datasheet Search
  English  ▼

X  

DS1631Z Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1631Z
Description  High-Precision Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1631Z Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1631Z Datasheet HTML 1Page - Dallas Semiconductor DS1631Z Datasheet HTML 2Page - Dallas Semiconductor DS1631Z Datasheet HTML 3Page - Dallas Semiconductor DS1631Z Datasheet HTML 4Page - Dallas Semiconductor DS1631Z Datasheet HTML 5Page - Dallas Semiconductor DS1631Z Datasheet HTML 6Page - Dallas Semiconductor DS1631Z Datasheet HTML 7Page - Dallas Semiconductor DS1631Z Datasheet HTML 8Page - Dallas Semiconductor DS1631Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS1631/DS1631A/DS1731
2 of 14
Table 1. ORDERING INFORMATION
ORDERING
NUMBER
PACKAGE
MARKING
DESCRIPTION
DS1631U
D1631
DS1631 in 8-Pin
mSOP
DS1631U/T&R
D1631
DS1631 in 8-Pin
mSOP, 3000-Piece Tape-and-Reel
DS1631Z
DS1631Z
DS1631 in 150mil 8-Pin SO
DS1631Z/T&R
DS1631Z
DS1631 in 150mil 8-Pin SO, 2500-Piece Tape-and-Reel
DS1631AU
1631A
DS1631A in 8-Pin
mSOP
DS1631AU/T&R
1631A
DS1631A in 8-Pin
mSOP, 3000-Piece Tape-and-Reel
DS1731U
D1731
DS1731 in 8-Pin
mSOP
DS1731U/T&R
D1731
DS1731 in 8-Pin
mSOP, 3000-Piece Tape-and-Reel
Table 2. DETAILED PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
SDA
Data Input/Output Pin for 2-Wire Serial Communication Port. Open-Drain.
2
SCL
Clock Input Pin for 2-Wire Serial Communication Port.
3TOUT
Thermostat Output Pin. Push-Pull.
4
GND
Ground Pin
5A2
Address Input Pin
6A1
Address Input Pin
7A0
Address Input Pin
8VDD
Supply Voltage Pin. +2.7V to +5.5V Power-Supply Pin.
Figure 1. FUNCTIONAL DIAGRAM
CONFIGURATION REGISTER
AND CONTROL LOGIC
ADDRESS
AND
I/O CONTROL
A1
A2
A0
SCL
SDA
DIGITAL
COMPARATOR/LOGIC
TH REGISTER
TL REGISTER
TOUT
TEMPERATURE SENSOR
and
DS ADC
TEMPERATURE REGISTER
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com